Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M054LAN Datasheet(PDF) 9 Page - Nuvotem Talema

Part # M054LAN
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

M054LAN Datasheet(HTML) 9 Page - Nuvotem Talema

Back Button M054LAN Datasheet HTML 5Page - Nuvotem Talema M054LAN Datasheet HTML 6Page - Nuvotem Talema M054LAN Datasheet HTML 7Page - Nuvotem Talema M054LAN Datasheet HTML 8Page - Nuvotem Talema M054LAN Datasheet HTML 9Page - Nuvotem Talema M054LAN Datasheet HTML 10Page - Nuvotem Talema M054LAN Datasheet HTML 11Page - Nuvotem Talema M054LAN Datasheet HTML 12Page - Nuvotem Talema M054LAN Datasheet HTML 13Page - Nuvotem Talema Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
64
M052/M054 Data Sheet
Publication Release Date: Mar 15, 2011
- 9 -
Revision V1.0
Programmable baud-rate generator
Buffered receiver and transmitter, each with 15 bytes FIFO
Optional flow control function (CTS and RTS)
Supports IrDA(SIR) function
Supports RS485 function
SPI
Up to two sets of SPI device.
Supports master/slave mode
Master mode clock rate up to 20 MHz, and slave mode clock rate up to 10 MHz
Full duplex synchronous serial data transfer
Variable length of transfer data from 1 to 32 bits
MSB or LSB first data transfer
Rx latching data can be either at rising edge or at falling edge of serial clock
Tx sending data can be either at rising edge or at falling edge of serial clock
Supports Byte suspend mode in 32-bit transmission
I2C
Supports master/slave mode
Bidirectional data transfer between masters and slaves
Multi-master bus (no central master).
Arbitration between simultaneously transmitting masters without corruption of serial data
on the bus
Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
Programmable clocks allow versatile rate control.


Similar Part No. - M054LAN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M054LBN ETC2-M054LBN Datasheet
1Mb / 68P
   32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
M054LBN NUVOTON-M054LBN Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
M054LDE ETC2-M054LDE Datasheet
1Mb / 86P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M054LDE NUVOTON-M054LDE Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
M054LDE NUVOTON-M054LDE Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results

Similar Description - M054LAN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com