Electronic Components Datasheet Search |
|
SMBJ22CA Datasheet(PDF) 1 Page - STMicroelectronics |
|
SMBJ22CA Datasheet(HTML) 1 Page - STMicroelectronics |
1 / 10 page October 2010 Doc ID 5616 Rev 10 1/10 10 SMBJ Transil™ Features ■ Peak pulse power: – 600 W (10/1000 μs) – 4 kW (8/20 µs) ■ Stand off voltage range: from 5 V to 188 V ■ Unidirectional and bidirectional types ■ Low leakage current: – 0.2 µA at 25 °C – 1 µA at 85 °C ■ Operating Tjmax: 150 °C ■ High power capability at Tjmax: – 515 W (10/1000 µs) ■ JEDEC registered package outline Complies with the following standards ■ IEC 61000-4-2 level 4: – 15 kV (air discharge) – 8 kV (contact discharge) ■ IEC 61000-4-5 ■ MIL STD 883G, method 3015-7 Class 3B: – 25 kV HBM (human body model) ■ Resin meets UL 94, V0 ■ MIL-STD-750, method 2026 soldererability ■ EIA STD RS-481 and IEC 60286-3 packing ■ IPC 7531 footprint Description The SMBJ Transil series has been designed to protect sensitive equipment against electrostatic discharges according to IEC 61000-4-2, and MIL STD 883, method 3015, and electrical over stress according to IEC 61000-4-4 and 5. These devices are more generally used against surges below 600 W (10/1000 μs). Planar technology makes these devices suitable for high-end equipment and SMPS where low leakage current and high junction temperature are required to provide reliability and stability over time. SMBJ are packaged in SMB (SMB footprint in accordance with IPC 7531 standard). TM: Transil is a trademark of STMicroelectronics K A Unidirectional Bidirectional SMB (JEDEC DO-214AA) www.st.com |
Similar Part No. - SMBJ22CA |
|
Similar Description - SMBJ22CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |