Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68000UM Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC68000UM
Description  8-/16-/32-Bit Microprocessors User?셲 Manual
Download  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68000UM Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC68000UM Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68000UM Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68000UM Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68000UM Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68000UM Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68000UM Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68000UM Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68000UM Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68000UM Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 189 page
background image
MOTOROLA
M68000 USER’S MANUAL
xi
TABLE OF CONTENTS (Continued)
Paragraph
Page
Number
Title
Number
Section 10
Electrical and Thermal Characteristics
10.9
MC68008 AC Electrical Specifications—Clock Timing ............................. 10-9
10.10
AC Electrical Specifications—Read and Write Cycles ............................10-10
10.11
AC Electrical Specifications—MC68000 To M6800 Peripheral............... 10-15
10.12
AC Electrical Specifications—Bus Arbitration .........................................10-17
10.13
MC68EC000 DC Electrical Spec ifications..............................................10-23
10.14
MC68EC000 AC Electrical Specifications—Read and Write .................. 10-24
10.15
MC68EC000 AC Electrical Specifications—Bus Arbitration ....................10-28
Section 11
Ordering Information and Mechanical Data
11.1
Pin Assignments........................................................................................ 11-1
11.2
Package Dimensions ................................................................................ 11-7
Appendix A
MC68010 Loop Mode Operation
Appendix B
M6800 Peripheral Interface
B.1
Data Transfer Operation............................................................................. B-1
B.2
Interrupt Interface Operation ...................................................................... B-4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68000UM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68000 MOTOROLA-MC68000 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
MC68000 MOTOROLA-MC68000 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
logo
Freescale Semiconductor...
MC68000 FREESCALE-MC68000 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68000 MOTOROLA-MC68000 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
MC68000P8 MOTOROLA-MC68000P8 Datasheet
633Kb / 6P
   8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS
More results

Similar Description - MC68000UM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
logo
Freescale Semiconductor...
MC68HC000RC12 FREESCALE-MC68HC000RC12 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000EI20 FREESCALE-MC68HC000EI20 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
M68000 FREESCALE-M68000 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
RDC Semiconductor
R8810LV RDC-R8810LV Datasheet
763Kb / 93P
   16-Bit RISC Microcontroller User?셲 Manual
logo
Freescale Semiconductor...
MC68040FE33A FREESCALE-MC68040FE33A Datasheet
13Mb / 450P
   MICROPROCESSORS USER MANUAL
MC68020FE33E FREESCALE-MC68020FE33E Datasheet
1Mb / 306P
   MICROPROCESSORS USER?셎 MANUAL
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com