Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1766T100Q Datasheet(PDF) 3 Page - Rohm

Part # 2SD1766T100Q
Description  Medium power transistor (32V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1766T100Q Datasheet(HTML) 3 Page - Rohm

  2SD1766T100Q Datasheet HTML 1Page - Rohm 2SD1766T100Q Datasheet HTML 2Page - Rohm 2SD1766T100Q Datasheet HTML 3Page - Rohm 2SD1766T100Q Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.B
Data Sheet
2SD1766 / 2SD1758 / 2SD1862
0.5
200
10
500
1000
100
20
50
12
5
10
20
Ta
=25°C
f
=1MHz
IE
=0A
IC
=0A
COLLECTOR TO BASE VOLTAGE : VCB (V)
EMITTER TO BASE VOLTAGE
: VEB (V)
Fig.7 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
Cib
Cob
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.8 Safe operating area
0.01
5
0.1
50
2
0.2
0.5
1
0.1
0.02
0.05
0.2
0.5
1
2
5
10
20
(2SD1766)
PW
=10ms∗
100ms∗
DC
Ta
=25
°C
∗Single
nonrepetitive
pulse
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.9 Safe operating area
5
0.1
50
2
0.2
0.5
1
0.1
0.05
0.2
0.5
1
2
5
10
20
0.01
0.02
(2SD1758)
PW=100ms∗
TC
=25°C
∗Single
nonrepetitive
pulse
Ic Max
Ic Max Pulse
Ta
=25°C
Single
nonrepetitive
pulse
0.2
0.5
1
2
5
10
20
50
3
2
1
0.1
0.2
0.5
0.05
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.10 Safe operating area
(2SD1862)


Similar Part No. - 2SD1766T100Q

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1766 ROHM-2SD1766 Datasheet
107Kb / 4P
   Medium Power Transistor (32V, 2A)
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
   Medium Power Transistor
logo
Rohm
2SD1766 ROHM-2SD1766 Datasheet
124Kb / 4P
   Medium Power Transistor (32V, 2A)
logo
Nanjing International G...
2SD1766 DGNJDZ-2SD1766 Datasheet
480Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SD1766 KEXIN-2SD1766 Datasheet
36Kb / 1P
   Medium Power Transistor
More results

Similar Description - 2SD1766T100Q

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1182 ROHM-2SB1182 Datasheet
153Kb / 4P
   Medium power transistor (-32V, -2A)
logo
Littelfuse
2SD1758TLR LITTELFUSE-2SD1758TLR Datasheet
111Kb / 3P
   Medium power transistor (32V, 2A)
logo
Rohm
2SB891F ROHM-2SB891F Datasheet
538Kb / 11P
   MEDIUM POWER TRANSISTOR(-32V, -2A)
2SB1188 ROHM-2SB1188_09 Datasheet
180Kb / 4P
   Medium power transistor (-32V, -2A)
logo
Nanjing International G...
2SB1188 DGNJDZ-2SB1188 Datasheet
483Kb / 4P
   Medium power transistor(-32V,-2A)
logo
Rohm
2SD1758 ROHM-2SD1758 Datasheet
157Kb / 3P
   Medium power transistor (32V, 2A)
2SD1766 ROHM-2SD1766_09 Datasheet
176Kb / 4P
   Medium power transistor (32V, 2A)
MP6X2 ROHM-MP6X2 Datasheet
118Kb / 4P
   Medium Power Transistor (32V, 2A)
MP6Z2 ROHM-MP6Z2 Datasheet
119Kb / 6P
   Medium Power Transistor (32V, 2A)
2SB1182TLR ROHM-2SB1182TLR Datasheet
116Kb / 4P
   Medium power transistor (32V,2A)
2SB1188T100Q ROHM-2SB1188T100Q Datasheet
180Kb / 4P
   Medium power transistor (32V, 2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com