Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2656T106 Datasheet(PDF) 4 Page - Rohm

Part # 2SD2656T106
Description  NPN 1A 30V Low Frequency Amplifier Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD2656T106 Datasheet(HTML) 4 Page - Rohm

  2SD2656T106 Datasheet HTML 1Page - Rohm 2SD2656T106 Datasheet HTML 2Page - Rohm 2SD2656T106 Datasheet HTML 3Page - Rohm 2SD2656T106 Datasheet HTML 4Page - Rohm 2SD2656T106 Datasheet HTML 5Page - Rohm 2SD2656T106 Datasheet HTML 6Page - Rohm 2SD2656T106 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SD2656
lElectrical characteristic curves(Ta = 25°C)
0.01
0.1
1
10
1
10
100
1000
Ta=25ºC
Pulsed
I
C / IB = 50
20
10
0.1
1
10
1
10
100
1000
I
C / IB = 20
Pulsed
Ta=
-40ºC
25ºC
125ºC
0.001
0.01
0.1
1
1
10
100
1000
I
C / IB = 20
Pulsed
Ta=100ºC
25ºC
-40ºC
Fig.5 Collector-Emitter Saturation Voltage
vs. Collector Current (I)
COLLECTOR CURRENT : I
C [mA]
Fig.6 Collector-Emitter Saturation Voltage
vs. Collector Current (II)
COLLECTOR CURRENT : I
C [mA]
Fig.7 Base-Emitter Saturation Voltage
vs. Collector Current
COLLECTOR CURRENT : I
C [mA]
Fig.8 Gain Bandwidth Product
vs. Emitter Current
EMITTER CURRENT :I
E [A]
4/6
2013.04 - Rev.B


Similar Part No. - 2SD2656T106

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2656 ROHM-2SD2656 Datasheet
75Kb / 3P
   General purpose amplification (30V, 1A)
2SD2656 ROHM-2SD2656 Datasheet
347Kb / 7P
   NPN 1A 30V Low Frequency Amplifier Transistors
2SD2656FRA ROHM-2SD2656FRA Datasheet
1Mb / 9P
   NPN 1A 30V Low Frequency Amplifier Transistors
2SD2656 ROHM-2SD2656_13 Datasheet
347Kb / 7P
   NPN 1A 30V Low Frequency Amplifier Transistors
More results

Similar Description - 2SD2656T106

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2656 ROHM-2SD2656_13 Datasheet
347Kb / 7P
   NPN 1A 30V Low Frequency Amplifier Transistors
2SD2656FRA ROHM-2SD2656FRA Datasheet
1Mb / 9P
   NPN 1A 30V Low Frequency Amplifier Transistors
US6T7 ROHM-US6T7_1 Datasheet
75Kb / 3P
   Low frequency amplifier (-30V, -1.5A)
US6X6 ROHM-US6X6_1 Datasheet
75Kb / 3P
   Low frequency amplifier (30V, 1.5A)
US6T5 ROHM-US6T5_1 Datasheet
80Kb / 3P
   Low frequency amplifier (-30V, -2A)
US6X4 ROHM-US6X4_1 Datasheet
75Kb / 3P
   Low frequency amplifier (30V, 2A)
MP6T11 ROHM-MP6T11 Datasheet
461Kb / 6P
   Midium Power Transistors (-30V / -1A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
   Midium Power Transistors (30V / 1A)
MP6X11 ROHM-MP6X11 Datasheet
1Mb / 6P
   Midium Power Transistors (30V / 1A)
2SCR293P5 ROHM-2SCR293P5 Datasheet
1Mb / 8P
   Middle Power Transistors (30V / 1A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com