Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPAKMC331VFV16 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # SPAKMC331VFV16
Description  32-Bit Modular Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPAKMC331VFV16 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button SPAKMC331VFV16 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPAKMC331VFV16 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPAKMC331VFV16 Datasheet HTML 9Page - Freescale Semiconductor, Inc SPAKMC331VFV16 Datasheet HTML 10Page - Freescale Semiconductor, Inc SPAKMC331VFV16 Datasheet HTML 11Page - Freescale Semiconductor, Inc SPAKMC331VFV16 Datasheet HTML 12Page - Freescale Semiconductor, Inc SPAKMC331VFV16 Datasheet HTML 13Page - Freescale Semiconductor, Inc SPAKMC331VFV16 Datasheet HTML 14Page - Freescale Semiconductor, Inc SPAKMC331VFV16 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
MC68331TS/D
11
2.5 Signal Function
DSACK[1:0]
SIM
Input
0
DSCLK
CPU32
Input
Serial Clock
DSI
CPU32
Input
(Serial Data)
DSO
CPU32
Output
(Serial Data)
EXTAL
SIM
Input
FC[2:0]
SIM
Output
FREEZE
SIM
Output
1
HALT
SIM
Input/Output
0
IC[4:1]
GPT
Input
IFETCH
CPU32
Output
IPIPE
CPU32
Output
IRQ[7:1]
SIM
Input
0
MISO
QSM
Input/Output
MODCLK
SIM
Input
MOSI
QSM
Input/Output
OC[5:1]
GPT
Output
PAI
GPT
Input
PC[6:0]
SIM
Output
(Port)
PCS[3:0]
QSM
Input/Output
PE[7:0]
SIM
Input/Output
(Port)
PF[7:0]
SIM
Input/Output
(Port)
PQS[7:0]
QSM
Input/Output
(Port)
PCLK
GPT
Input
PWMA, PWMB
GPT
Output
QUOT
SIM
Output
RESET
SIM
Input/Output
0
RMC
SIM
Output
0
R/W
SIM
Output
1/0
RXD
QSM
Input
SCK
QSM
Input/Output
SIZ[1:0]
SIM
Output
SS
QSM
Input
0
TSC
SIM
Input
TXD
QSM
Output
XFC
SIM
Input
XTAL
SIM
Output
Table 6 MCU Signal Function
Signal Name
Mnemonic
Function
Address Bus
ADDR[23:0]
24-bit address bus
Address Strobe
AS
Indicates that a valid address is on the address bus
Autovector
AVEC
Requests an automatic vector during interrupt acknowledge
Bus Error
BERR
Indicates that a bus error has occurred
Bus Grant
BG
Indicates that the MCU has relinquished the bus
Bus Grant Acknowledge
BGACK
Indicates that an external device has assumed bus mastership
Breakpoint
BKPT
Signals a hardware breakpoint to the CPU
Bus Request
BR
Indicates that an external device requires bus mastership
System Clockout
CLKOUT
System clock output
Chip Selects
CS[10:0]
Select external devices at programmed addresses
Table 5 MCU Signal Characteristics (Continued)
Signal Name
MCU Module
Signal Type
Active State
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - SPAKMC331VFV16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SPAKMC331VFV16 MOTOROLA-SPAKMC331VFV16 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
SPAKMC331VFV16 FREESCALE-SPAKMC331VFV16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
SPAKMC331VFV16 NXP-SPAKMC331VFV16 Datasheet
983Kb / 84P
   Technical Summary 32-Bit Modular Microcontroller
Rev. 2
More results

Similar Description - SPAKMC331VFV16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68332ACEH16 FREESCALE-MC68332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68F333 NXP-MC68F333 Datasheet
447Kb / 16P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68LK332ACEH16 FREESCALE-MC68LK332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68332 NXP-MC68332 Datasheet
855Kb / 88P
   32-Bit Modular Microcontroller
Rev. 2
MC68CK338 NXP-MC68CK338 Datasheet
1Mb / 133P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68332TS MOTOROLA-MC68332TS Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com