Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPAKMC331VFV20 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # SPAKMC331VFV20
Description  32-Bit Modular Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPAKMC331VFV20 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button SPAKMC331VFV20 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPAKMC331VFV20 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPAKMC331VFV20 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPAKMC331VFV20 Datasheet HTML 9Page - Freescale Semiconductor, Inc SPAKMC331VFV20 Datasheet HTML 10Page - Freescale Semiconductor, Inc SPAKMC331VFV20 Datasheet HTML 11Page - Freescale Semiconductor, Inc SPAKMC331VFV20 Datasheet HTML 12Page - Freescale Semiconductor, Inc SPAKMC331VFV20 Datasheet HTML 13Page - Freescale Semiconductor, Inc SPAKMC331VFV20 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
10
MC68331TS/D
NOTES:
1. DATA[15:0] are synchronized during reset only. MODCLK is synchronized only when used as an input port
pin.
2. EXTAL, XFC, and XTAL are clock reference connections.
3. PAI and PCLK can be used for discrete input, but are not part of an I/O port.
2.2 MCU Power Connections
2.3 MCU Driver Types
2.4 Signal Characteristics
RXD
N
N
SCK
Bo
Y
Y
I/O
PQS2
SIZ[1:0]
B
Y
N
I/O
PE[7:6]
TSC
Y
Y
TXD
Bo
Y
Y
I/O
PQS7
XFC2
Special
XTAL2
Special
Table 3 MCU Power Connections
VDDSYN
Clock Synthesizer Power
VSSE/VDDE
External Periphery Power (Source and Drain)
VSSI/VDDI
Internal Module Power (Source and Drain)
Table 4 MCU Driver Types
Type
I/O
Description
A
O
Output-only signals that are always driven; no external pull-up required
Aw
O
Type A output with weak P-channel pull-up during reset
B
O
Three-state output that includes circuitry to pull up output before high impedance is es-
tablished, to ensure rapid rise time. An external holding resistor is required to
maintain logic level while the pin is in the high-impedance state.
Bo
O
Type B output that can be operated in an open-drain mode
Table 5 MCU Signal Characteristics
Signal Name
MCU Module
Signal Type
Active State
ADDR[23:0]
SIM
Bus
AS
SIM
Output
0
AVEC
SIM
Input
0
BERR
SIM
Input
0
BG
SIM
Output
0
BGACK
SIM
Input
0
BKPT
CPU32
Input
0
BR
SIM
Input
0
CLKOUT
SIM
Output
CS[10:0]
SIM
Output
0
CSBOOT
SIM
Output
0
DATA[15:0]
SIM
Bus
DS
SIM
Output
0
Table 2 MCU Pin Characteristics (Continued)
Pin
Mnemonic
Output
Driver
Input
Synchronized
Input
Hysteresis
Discrete
I/O
Port
Designation
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - SPAKMC331VFV20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SPAKMC331VFV20 MOTOROLA-SPAKMC331VFV20 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
SPAKMC331VFV20 FREESCALE-SPAKMC331VFV20 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
SPAKMC331VFV20 NXP-SPAKMC331VFV20 Datasheet
983Kb / 84P
   Technical Summary 32-Bit Modular Microcontroller
Rev. 2
More results

Similar Description - SPAKMC331VFV20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68332ACEH16 FREESCALE-MC68332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68F333 NXP-MC68F333 Datasheet
447Kb / 16P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68LK332ACEH16 FREESCALE-MC68LK332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68332 NXP-MC68332 Datasheet
855Kb / 88P
   32-Bit Modular Microcontroller
Rev. 2
MC68CK338 NXP-MC68CK338 Datasheet
1Mb / 133P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68332TS MOTOROLA-MC68332TS Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com