Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NA-5W-K Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # NA-5W-K
Description  MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

NA-5W-K Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  NA-5W-K Datasheet HTML 1Page - Fujitsu Component Limited. NA-5W-K Datasheet HTML 2Page - Fujitsu Component Limited. NA-5W-K Datasheet HTML 3Page - Fujitsu Component Limited. NA-5W-K Datasheet HTML 4Page - Fujitsu Component Limited. NA-5W-K Datasheet HTML 5Page - Fujitsu Component Limited. NA-5W-K Datasheet HTML 6Page - Fujitsu Component Limited. NA-5W-K Datasheet HTML 7Page - Fujitsu Component Limited. NA-5W-K Datasheet HTML 8Page - Fujitsu Component Limited. NA-5W-K Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FTR-K1 SERIES
n
COIL RATING
NA SERIES
Coil
Code
Rated Coil
Voltage
(VDC)
Coil Resistance
+/- 10% (Ohm)
Must Operate
Voltage
(VDC) *
Must Release-
Voltage
(VDC) *
Max. Coil Voltage
(VDC)
Rated Power
(mW)
1.5
1.5
16.1
+1.13
+0.15
3.6
140
3
3
64.3
+2.25
+0.3
7.2
4.5
4.5
145
+3.38
+0.45
10.8
5
5
178
+3.75
+0.5
12.0
6
6
257
+4.5
+0.6
14.4
9
9
579
+6.75
+0.9
21.6
12
12
1,028
+9
+1.2
28.8
18
18
1,620
+13.5
+1.8
36.0
200
24
24
2,880
+18
+2.4
48.0
48
48
7,680
+36
+4.8
84.0
300
Standard type
Single winding latching type
Coil
Code
Rated Coil
Voltage
(VDC)
Coil Resistance
+/- 10% (Ohm)
Set Voltage
(VDC) *
Reset
Voltage
(VDC) *
Rated Power
(mW)
1.5
1.5
22.5
+1.13
-1.13
100
3
3
90
+2.25
-2.25
4.5
4.5
203
+3.38
-3.38
5
5
250
+3.75
-3.75
6
6
360
+4.5
-4.5
9
9
810
+6.75
-6.75
12
12
1,440
+9
-9
18
18
2,160
+13.5
-13.5
150
24
24
3,840
+18
-18
Note: All values in the table are valid for 20°C and zero contact current.
* Specified operate values are valid for pulse wave voltage.


Similar Part No. - NA-5W-K

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-510 AXIOMTEK-NA-510 Datasheet
141Kb / 1P
   Supports BIOS redirected to COM port
NA-510-R8GI-RC AXIOMTEK-NA-510-R8GI-RC Datasheet
160Kb / 1P
   Supports BIOS redirected to COM port
NA-550 AXIOMTEK-NA-550 Datasheet
321Kb / 2P
   Supports LAN modules expansion
NA-550 AXIOMTEK-NA-550_17 Datasheet
936Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1155 Socket Intel짰 Xeon짰 E3
NA-551 AXIOMTEK-NA-551 Datasheet
315Kb / 2P
   Supports power redundant
More results

Similar Description - NA-5W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
NA-12W-K FUJITSU-NA-12W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46 Datasheet
59Kb / 7P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING) FBR46 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com