Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-12MB-NR Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # VS-12MB-NR
Description  Standard and high sensitivity types available
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VS-12MB-NR Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button VS-12MB-NR Datasheet HTML 2Page - Fujitsu Component Limited. VS-12MB-NR Datasheet HTML 3Page - Fujitsu Component Limited. VS-12MB-NR Datasheet HTML 4Page - Fujitsu Component Limited. VS-12MB-NR Datasheet HTML 5Page - Fujitsu Component Limited. VS-12MB-NR Datasheet HTML 6Page - Fujitsu Component Limited. VS-12MB-NR Datasheet HTML 7Page - Fujitsu Component Limited. VS-12MB-NR Datasheet HTML 8Page - Fujitsu Component Limited. VS-12MB-NR Datasheet HTML 9Page - Fujitsu Component Limited. VS-12MB-NR Datasheet HTML 10Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FTR-K1 SERIES
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: components@us.fujitsu.com
Web: http://us.fujitsu.com/components
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: emea.fujitsu.com/components/
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#01-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 6375-8560
Fax: (65) 6273-3021
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2011 Fujitsu Components Europe B.V. All rights reserved. All trademarks or registered trademarks are the property of their respective
owners.
The contents, data and information in this datasheet are provided by Fujitsu Component Ltd. as a service only to its user and only for gen-
eral information purposes.
The use of the contents, data and information provided in this datasheet is at the users’ own risk.
Fujitsu has assembled this datasheet with care and will endeavor to keep the contents, data and information correct, accurate, comprehen-
sive, complete and up to date.
Fujitsu Components Europe B.V. and affiliated companies do however not accept any responsibility or liability on their behalf, nor on behalf
of its employees, for any loss or damage, direct, indirect or consequential, with respect to this datasheet, its contents, data, and information
and related graphics and the correctness, reliability, accuracy, comprehensiveness, usefulness, availability and completeness thereof.
Nor do Fujitsu Components Europe B.V. and affiliated companies accept on their behalf, nor on behalf of its employees, any responsibility
or liability for any representation or warrant of any kind, express or implied, including warranties of any kind for merchantability or fitness for
particular use, with respect to these datasheets, its contents, data, information and related graphics and the correctness, reliability, accuracy,
comprehensiveness, usefulness, availability and completeness thereof. Rev. March 02, 2011
VS SERIES


Similar Part No. - VS-12MB-NR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12MB-NR-IM2 FUJITSU-VS-12MB-NR-IM2 Datasheet
1Mb / 12P
   POWER RELAY 1 POLE-15A
VS-12MB-NR-SM2 FUJITSU-VS-12MB-NR-SM2 Datasheet
1Mb / 12P
   POWER RELAY 1 POLE-15A
VS-12MB-NR-UC FUJITSU-VS-12MB-NR-UC Datasheet
1Mb / 12P
   POWER RELAY 1 POLE-15A
More results

Similar Description - VS-12MB-NR

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
74-5FC100MA NTE-74-5FC100MA Datasheet
801Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5FG100MA NTE-74-5FG100MA Datasheet
668Kb / 1P
   Available in Fast Acting and Slow Blow Types
logo
DB Lectro Inc
JZC-33F DBLECTRO-JZC-33F Datasheet
356Kb / 3P
   Sealed & Unsealed types available
logo
NTE Electronics
74-4FG375MA NTE-74-4FG375MA Datasheet
441Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-MF250MA NTE-74-MF250MA Datasheet
372Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FC125MA NTE-74-6FC125MA Datasheet
827Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FG100MA NTE-74-6FG100MA Datasheet
900Kb / 1P
   Available in Fast Acting and Slow Blow Types
logo
IXYS Corporation
VBO20-08NO2 IXYS-VBO20-08NO2 Datasheet
85Kb / 2P
   Single Phase Rectifier Bridge - Standard and Avalanche Types
logo
Yellow Stone Corp
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
logo
Electronic devices inc.
XLR EDI-XLR Datasheet
48Kb / 2P
   HIGH VOLTAGE RECOVERY FOR X-RAY AND INDUSTRIAL APPLICATIONS STANDARD AND FAST RECOVERY TYPES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com