Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9C103S Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9C103S
Description  Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C103S Datasheet(HTML) 4 Page - Intersil Corporation

  X9C103S Datasheet HTML 1Page - Intersil Corporation X9C103S Datasheet HTML 2Page - Intersil Corporation X9C103S Datasheet HTML 3Page - Intersil Corporation X9C103S Datasheet HTML 4Page - Intersil Corporation X9C103S Datasheet HTML 5Page - Intersil Corporation X9C103S Datasheet HTML 6Page - Intersil Corporation X9C103S Datasheet HTML 7Page - Intersil Corporation X9C103S Datasheet HTML 8Page - Intersil Corporation X9C103S Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN8222.3
July 20, 2009
Absolute Maximum Ratings
Thermal Information
Voltage on CS, INC, U/D and VCC with Respect to VSS . -1V to +7V
Voltage on VH/RH and VL/RL Referenced to VSS. . . . . . . -8V to +8V
ΔV = |V
H/RH - VL/RL|
X9C102 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4V
X9C103, X9C104, and X9C503 . . . . . . . . . . . . . . . . . . . . . . . .10V
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8.8mA
Power Rating
X9C102 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16mW
X9C103 X0C104, and X9C503 . . . . . . . . . . . . . . . . . . . . . .10mW
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . -65°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through-hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
Recommended Operating Conditions
Commercial Temperature Range. . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage Range (VCC) . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
(Note 6)
MAX
POTENTIOMETER CHARACTERISTICS
RTOTAL
End-to-End Resistance Variation
-20
+20
%
VVH/RH
VH Terminal Voltage
-5
+5
V
VVL/RL
VL Terminal Voltage
-5
+5
V
IW
Wiper Current
-4.4
4.4
mA
RW
Wiper Resistance
Wiper Current = ±1mA
40
100
Ω
Resistor Noise (Note 7)
Ref 1kHz
-120
dBV
Charge Pump Noise (Note 7)
@ 850kHz
20
mVRMS
Resolution
1%
Absolute Linearity (Note 3)
VW(n)(actual) - VW(n)(EXPECTED)
-1
+1
MI (Note 5)
Relative Linearity (Note 4)
VW(n + 1)(ACTUAL) - [VW(n) + MI]
-0.2
+0.2
MI (Note 5)
RTOTAL Temperature Coefficient
X9C103, X9C503, X9C104
±300 (Note 7)
ppm/°C
RTOTAL Temperature Coefficient
X9C102
±600 (Note 7)
ppm/°C
Ratiometric Temperature Coefficient
±20
ppm/°C
CH/CL/CW
(Note 7)
Potentiometer Capacitances
See “Circuit #3 SPICE Macro
Model” on page 5.
10/10/25
pF
DC OPERATING CHARACTERISTICS
ICC
VCC Active Current
CS = VIL, U/D = VIL or VIH and
INC = 0.4V to 2.4V at Max tCYC
13
mA
ISB
Standby Supply Current
CS = VCC - 0.3V, U/D and
INC =VSS or VCC -0.3V
200
750
µA
ILI
CS, INC, U/D Input Leakage Current
VIN = VSS to VCC
±10
µA
VIH
CS, INC, U/D input HIGH Voltage
2
V
VIL
CS, INC, U/D input LOW Voltage
0.8
V
CIN
CS, INC, U/D Input Capacitance (Note 7)
VCC = 5V, VIN = VSS, TA = +25°C,
f = 1MHz
10
pF
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C103S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C103S XICOR-X9C103S Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9C103S INTERSIL-X9C103S Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C103S INTERSIL-X9C103S Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C103S INTERSIL-X9C103S Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C103S INTERSIL-X9C103S Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C103S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C103SIZT1 INTERSIL-X9C103SIZT1 Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
logo
Maxim Integrated Produc...
MAX5477EVKIT MAXIM-MAX5477EVKIT Datasheet
449Kb / 10P
   Power-On Recall of Wiper Position from Nonvolatile Memory
2005
MAX5422EVKIT MAXIM-MAX5422EVKIT Datasheet
229Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/08
MAX5417LEVCMODU MAXIM-MAX5417LEVCMODU Datasheet
158Kb / 9P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/05
MAX5432EVKIT MAXIM-MAX5432EVKIT Datasheet
256Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 2/08
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
ATMEL Corporation
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
   Data and Non-volatile Program Memory
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
   Data and non-volatile program memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com