Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT449 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMMT449
Description  NPN Low Saturation Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMMT449 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMMT449 Datasheet HTML 1Page - Fairchild Semiconductor FMMT449 Datasheet HTML 2Page - Fairchild Semiconductor FMMT449 Datasheet HTML 3Page - Fairchild Semiconductor FMMT449 Datasheet HTML 4Page - Fairchild Semiconductor FMMT449 Datasheet HTML 5Page - Fairchild Semiconductor FMMT449 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MHz
150
IC = 50mA,VCE = 10 V, f=100MHz
Transition Frequency
fT
pF
15
VCB = 10 V, IE = 0, f = 1MHz
Output Capacitance
Cobo
SMALL SIGNAL CHARACTERISTICS
V
1
IC = 1 A, VCE = 2 V
Base-Emitter On Voltage
VBE(on)
V
1.25
IC = 1 A, IB = 100 mA
Base-Emitter Saturation Voltage
VBE(sat)
mV
V
500
1.0
IC = 1 A, IB = 100 mA
IC = 2 A, IB = 200 mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
300
70
100
80
40
IC = 50 mA, VCE = 2V
IC = 500 mA, VCE = 2V
IC = 1A, VCE = 2V
IC = 2A, VCE = 2V
DC Current Gain
hFE
ON CHARACTERISTICS*
nA
100
VEB = 4V
Emitter Cutoff Current
IEBO
nA
uA
100
10
VCB = 40 V
VCB = 40 V, Ta=100°C
Collector Cutoff Current
ICBO
V
5
IE = 100
µA
Emitter-Base Breakdown Voltage
BVEBO
V
50
IC = 1mA
Collector-Base Breakdown Voltage
BVCBO
V
30
IC = 10 mA
Collector-Emitter Breakdown Voltage
BVCEO
OFF CHARACTERISTICS
Units
Max
Min
Test Conditions
Parameter
Symbol
NPN Low Saturation Transistor
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
*Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
Page 2 of 2
© 1998Fairchild Semiconducto Corporation
fmmt449.lwpPrNB revA


Similar Part No. - FMMT449

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT449 ZETEX-FMMT449 Datasheet
120Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
   NPN Silicon Planar Medium Power Transistor
logo
Guangdong Kexin Industr...
FMMT449 KEXIN-FMMT449 Datasheet
36Kb / 1P
   Medium Power Transistor
logo
Diodes Incorporated
FMMT449 DIODES-FMMT449 Datasheet
115Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
FMMT449 HTSEMI-FMMT449 Datasheet
365Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - FMMT449

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NZT902 FAIRCHILD-NZT902 Datasheet
204Kb / 5P
   NPN Low Saturation Transistor
NZD560A FAIRCHILD-NZD560A Datasheet
65Kb / 6P
   NPN Low Saturation Transistor
NZT560A FAIRCHILD-NZT560A_09 Datasheet
182Kb / 5P
   NPN Low Saturation Transistor
FPN560 FAIRCHILD-FPN560 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FSB649 FAIRCHILD-FSB649 Datasheet
30Kb / 3P
   NPN Low Saturation Transistor
logo
ON Semiconductor
FSB619 ONSEMI-FSB619 Datasheet
251Kb / 7P
   NPN Low-Saturation Transistor
September 2015 Rev. 2.2
FMMT449 ONSEMI-FMMT449 Datasheet
124Kb / 5P
   NPN Low Saturation Transistor
Rev. A
logo
Fairchild Semiconductor
FPN330A FAIRCHILD-FPN330A Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FPN330 FAIRCHILD-FPN330 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FPN530 FAIRCHILD-FPN530 Datasheet
47Kb / 4P
   NPN Low Saturation Transistor
FSB560 FAIRCHILD-FSB560_01 Datasheet
43Kb / 4P
   NPN Low Saturation Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com