Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C010DI-15 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X28C010DI-15
Description  Protects data against system level inadvertent writes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010DI-15 Datasheet(HTML) 3 Page - Intersil Corporation

  X28C010DI-15 Datasheet HTML 1Page - Intersil Corporation X28C010DI-15 Datasheet HTML 2Page - Intersil Corporation X28C010DI-15 Datasheet HTML 3Page - Intersil Corporation X28C010DI-15 Datasheet HTML 4Page - Intersil Corporation X28C010DI-15 Datasheet HTML 5Page - Intersil Corporation X28C010DI-15 Datasheet HTML 6Page - Intersil Corporation X28C010DI-15 Datasheet HTML 7Page - Intersil Corporation X28C010DI-15 Datasheet HTML 8Page - Intersil Corporation X28C010DI-15 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN8105.1
February 12, 2007
Block Diagram
Pin Descriptions
Addresses (A0-A16)
The Address inputs select an 8-bit memory location during a
read or write operation.
Chip Enable (CE)
The Chip Enable input must be LOW to enable all read/write
operations. When CE is HIGH, power consumption is
reduced.
Output Enable (OE)
The Output Enable input controls the data output buffers,
and is used to initiate read operations.
Data In/Data Out (I/O0-I/O7)
Data is written to or read from the X28C010/X28HT010
through the I/O pins.
Write Enable (WE)
The Write Enable input controls the writing of data to the
X28C010/X28HT010.
Back Bias Voltage (VBB) (X28HT010 only)
It is required to provide -3V on pin 1. This negative voltage
improves higher temperature functionality.
Device Operation
Read
Read operations are initiated by both OE and CE LOW. The
read operation is terminated by either CE or OE returning
HIGH. This two line control architecture eliminates bus
contention in a system environment. The data bus will be in
a high impedance state when either OE or CE is HIGH.
Write
Write operations are initiated when both CE and WE are
LOW and OE is HIGH. The X28C010/X28HT010 supports
both a CE and WE controlled write cycle. That is, the
address is latched by the falling edge of either CE or WE,
whichever occurs last. Similarly, the data is latched internally
by the rising edge of either CE or WE, whichever occurs first.
A byte write operation, once initiated, will automatically
continue to completion, typically within 5ms.
X Buffers
Latches and
Decoder
I/O Buffers
and Latches
Y Buffers
Decoder
Control
Logic and
Timing
1Mbit
EEPROM
Array
I/O0-I/O7
Data Inputs/Outputs
CE
OE
VCC
VSS
WE
A0-A7
Latches and
A8-A16
Pin Names
SYMBOL
DESCRIPTION
A0-A16
Address Inputs
I/O0-I/O7
Data Input/Output
WE
Write Enable
CE
Chip Enable
OE
Output Enable
VCC
+5V
VSS
Ground
NC
No Connect
VBB*-3V
*VBB applies to X28HT010 only.
X28C010, X28HT010


Similar Part No. - X28C010DI-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010DI-15 XICOR-X28C010DI-15 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010DI-15 INTERSIL-X28C010DI-15 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
X28C010DI-15 INTERSIL-X28C010DI-15 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C010DI-15 RENESAS-X28C010DI-15 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
logo
Intersil Corporation
X28C010DI-15C7681 INTERSIL-X28C010DI-15C7681 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28C010DI-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE201 ETC2-XE201 Datasheet
1Mb / 4P
   Advanced data integrity protects against silent data corruption
logo
Micross Components
AS29LV016D MICROSS-AS29LV016D Datasheet
374Kb / 40P
   Superior inadvertent write protection
logo
Gennum Corporation
0512TQ GENNUM-0512TQ Datasheet
2Mb / 13P
   Protects Two High-Speed Data Lines
2451ZA GENNUM-2451ZA Datasheet
268Kb / 8P
   Protects one high speed data line
logo
Shanghai Semitech Semic...
ESD0521P SEMITECH-ESD0521P Datasheet
161Kb / 5P
   Protects one data, control or power line
logo
Level One
GNC-0105T LVL1-GNC-0105T Datasheet
521Kb / 4P
   10/100/1000Mbps wire speed transmission and reception IEEE 802.3x Flow Control protects against lost packets for reliable data transmission
FEP-0800 LVL1-FEP-0800 Datasheet
452Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission PoE on/off control per port by dip switches
logo
ATMEL Corporation
ATDH40M ATMEL-ATDH40M Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
logo
Level One
FEP-1600 LVL1-FEP-1600 Datasheet
495Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
FEP-1601 LVL1-FEP-1601 Datasheet
389Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com