Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C010FI-12 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X28C010FI-12
Description  Protects data against system level inadvertent writes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010FI-12 Datasheet(HTML) 4 Page - Intersil Corporation

  X28C010FI-12 Datasheet HTML 1Page - Intersil Corporation X28C010FI-12 Datasheet HTML 2Page - Intersil Corporation X28C010FI-12 Datasheet HTML 3Page - Intersil Corporation X28C010FI-12 Datasheet HTML 4Page - Intersil Corporation X28C010FI-12 Datasheet HTML 5Page - Intersil Corporation X28C010FI-12 Datasheet HTML 6Page - Intersil Corporation X28C010FI-12 Datasheet HTML 7Page - Intersil Corporation X28C010FI-12 Datasheet HTML 8Page - Intersil Corporation X28C010FI-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN8105.1
February 12, 2007
Page Write Operation
The page write feature of the X28C010/X28HT010 allows
the entire memory to be written in 5 seconds. Page write
allows two to two hundred fifty-six bytes of data to be
consecutively written to the X28C010/X28HT010 prior to the
commencement of the internal programming cycle. The host
can fetch data from another device within the system during
a page write operation (change the source address), but the
page address (A8 through A16) for each subsequent valid
write cycle to the part during this operation must be the same
as the initial page address.
The page write mode can be initiated during any write
operation. Following the initial byte write cycle, the host can
write an additional one to two hundred fifty six bytes in the
same manner as the first byte was written. Each successive
byte load cycle, started by the WE HIGH to LOW transition,
must begin within 100µs of the falling edge of the preceding
WE. If a subsequent WE HIGH to LOW transition is not
detected within 100µs, the internal automatic programming
cycle will commence. There is no page write window
limitation. Effectively the page write window is infinitely wide,
so long as the host continues to access the device within the
byte load cycle time of 100µs.
Write Operation Status Bits
The X28C010/X28HT010 provides the user two write
operation status bits. These can be used to optimize a
system write cycle time. The status bits are mapped onto the
I/O bus as shown in Figure 1.
DATA Polling (I/O7)
The X28C010/X28HT010 features DATA Polling as a
method to indicate to the host system that the byte write or
page write cycle has completed. DATA Polling allows a
simple bit test operation to determine the status of the
X28C010/X28HT010, eliminating additional interrupt inputs
or external hardware. During the internal programming cycle,
any attempt to read the last byte written will produce the
complement of that data on I/O7 (i.e., write data = 0xxx xxxx,
read data = 1xxx xxxx). Once the programming cycle is
complete, I/O7 will reflect true data. Note: If the
X28C010/X28HT010 is in the protected state, and an illegal
write operation is attempted, DATA Polling will not operate.
Toggle Bit (I/O6)
The X28C010/X28HT010 also provides another method for
determining when the internal write cycle is complete. During
the internal programming cycle, I/O6 will toggle from HIGH to
LOW and LOW to HIGH on subsequent attempts to read the
device. When the internal cycle is complete the toggling will
cease and the device will be accessible for additional read or
write operations.
DATA Polling I/O7
5
TB
DP
43
21
0
I/O
Reserved
Toggle Bit
DATA Polling
FIGURE 1. STATUS BIT ASSIGNMENT
CE
OE
WE
I/O7
X28C010
Last
Write
HIGH Z
VOL
VIH
A0-A14
An
An
An
An
An
An
VOH
An
Ready
FIGURE 2. DATA POLLING BUS SEQUENCE
X28C010, X28HT010


Similar Part No. - X28C010FI-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010FI-12 XICOR-X28C010FI-12 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010FI-12 INTERSIL-X28C010FI-12 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
X28C010FI-12 INTERSIL-X28C010FI-12 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C010FI-12 RENESAS-X28C010FI-12 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
More results

Similar Description - X28C010FI-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE201 ETC2-XE201 Datasheet
1Mb / 4P
   Advanced data integrity protects against silent data corruption
logo
Micross Components
AS29LV016D MICROSS-AS29LV016D Datasheet
374Kb / 40P
   Superior inadvertent write protection
logo
Gennum Corporation
0512TQ GENNUM-0512TQ Datasheet
2Mb / 13P
   Protects Two High-Speed Data Lines
2451ZA GENNUM-2451ZA Datasheet
268Kb / 8P
   Protects one high speed data line
logo
Shanghai Semitech Semic...
ESD0521P SEMITECH-ESD0521P Datasheet
161Kb / 5P
   Protects one data, control or power line
logo
Level One
GNC-0105T LVL1-GNC-0105T Datasheet
521Kb / 4P
   10/100/1000Mbps wire speed transmission and reception IEEE 802.3x Flow Control protects against lost packets for reliable data transmission
FEP-0800 LVL1-FEP-0800 Datasheet
452Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission PoE on/off control per port by dip switches
logo
ATMEL Corporation
ATDH40M ATMEL-ATDH40M Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
logo
Level One
FEP-1600 LVL1-FEP-1600 Datasheet
495Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
FEP-1601 LVL1-FEP-1601 Datasheet
389Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com