Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9C503PI Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9C503PI
Description  Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C503PI Datasheet(HTML) 2 Page - Intersil Corporation

  X9C503PI Datasheet HTML 1Page - Intersil Corporation X9C503PI Datasheet HTML 2Page - Intersil Corporation X9C503PI Datasheet HTML 3Page - Intersil Corporation X9C503PI Datasheet HTML 4Page - Intersil Corporation X9C503PI Datasheet HTML 5Page - Intersil Corporation X9C503PI Datasheet HTML 6Page - Intersil Corporation X9C503PI Datasheet HTML 7Page - Intersil Corporation X9C503PI Datasheet HTML 8Page - Intersil Corporation X9C503PI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN8222.3
July 20, 2009
Ordering Information
PART
NUMBER
PART
MARKING
RTOTAL
(k
Ω)
TEMP RANGE
(°C)
PACKAGE
PACKAGE
DWG. #
X9C102P
X9C102P
1
0 to +70
8 Ld PDIP
MDP0031
X9C102PZ (Notes 1, 2)
X9C102P Z
0 to +70
8 Ld PDIP (Pb-free)
MDP0031
X9C102PI
X9C102P I
-40 to +85
8 Ld PDIP
MDP0031
X9C102PIZ (Notes 1, 2)
X9C102P ZI
-40 to +85
8 Ld PDIP (Pb-free)
MDP0031
X9C102S*, **
X9C102S
0 to +70
8 Ld SOIC
MDP0027
X9C102SZ* (Note 1)
X9C102S Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9C102SI*, **
X9C102S I
-40 to +85
8 Ld SOIC
MDP0027
X9C102SIZ*, ** (Note 1)
X9C102S ZI
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
X9C103P
X9C103P
10
0 to +70
8 Ld PDIP
MDP0031
X9C103PZ (Notes 1, 2)
X9C103P Z
0 to +70
8 Ld PDIP (Pb-free)
MDP0031
X9C103PI
X9C103P I
-40 to +85
8 Ld PDIP
MDP0031
X9C103PIZ (Note 1)
X9C103P ZI
-40 to +85
8 Ld PDIP (Pb-free)
MDP0031
X9C103S*, **
X9C103S
0 to +70
8 Ld SOIC
MDP0027
X9C103SZ*, ** (Note 1)
X9C103S Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9C103SI*, **
X9C103S I
-40 to +85
8 Ld SOIC
MDP0027
X9C103SIZ*, ** (Note 1)
X9C103S ZI
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
X9C503P
X9C503P
50
0 to +70
8 Ld PDIP
MDP0031
X9C503PZ (Notes 1, 2)
X9C503P Z
0 to +70
8 Ld PDIP (Pb-free)
MDP0031
X9C503PI
X9C503P I
-40 to +85
8 Ld PDIP
MDP0031
X9C503PIZ (Notes 1, 2)
X9C503P ZI
-40 to +85
8 Ld PDIP (Pb-free)
MDP0031
X9C503S*
X9C503S
0 to +70
8 Ld SOIC
MDP0027
X9C503SZ* (Note 1)
X9C503S Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9C503SI*, **
X9C503S I
-40 to +85
8 Ld SOIC
MDP0027
X9C503SIZ*, ** (Note 1)
X9C503S ZI
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
X9C104P
X9C104P
100
0 to +70
8 Ld PDIP
MDP0031
X9C104PI
X9C104P I
-40 to +85
8 Ld PDIP
MDP0031
X9C104PIZ (Notes 1, 2)
X9C104P ZI
-40 to +85
8 Ld PDIP (Pb-free)
MDP0031
X9C104S*, **
X9C104S
0 to +70
8 Ld SOIC
MDP0027
X9C104SZ*, ** (Note 1)
X9C104S Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9C104SI*, **
X9C104S I
-40 to +85
8 Ld SOIC
MDP0027
X9C104SIZ*, ** (Note 1)
X9C104S ZI
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
*Add “T1” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
**Add “T2” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering
operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
2. Pb-free PDIPs can be used for through-hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C503PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C503PI XICOR-X9C503PI Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9C503PI INTERSIL-X9C503PI Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C503PI INTERSIL-X9C503PI Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C503PI INTERSIL-X9C503PI Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C503PI INTERSIL-X9C503PI Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C503PI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C103SIZT1 INTERSIL-X9C103SIZT1 Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
logo
Maxim Integrated Produc...
MAX5477EVKIT MAXIM-MAX5477EVKIT Datasheet
449Kb / 10P
   Power-On Recall of Wiper Position from Nonvolatile Memory
2005
MAX5422EVKIT MAXIM-MAX5422EVKIT Datasheet
229Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/08
MAX5417LEVCMODU MAXIM-MAX5417LEVCMODU Datasheet
158Kb / 9P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/05
MAX5432EVKIT MAXIM-MAX5432EVKIT Datasheet
256Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 2/08
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
ATMEL Corporation
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
   Data and Non-volatile Program Memory
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
   Data and non-volatile program memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com