Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9511WSIZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9511WSIZ
Description  The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9511WSIZ Datasheet(HTML) 1 Page - Intersil Corporation

  X9511WSIZ Datasheet HTML 1Page - Intersil Corporation X9511WSIZ Datasheet HTML 2Page - Intersil Corporation X9511WSIZ Datasheet HTML 3Page - Intersil Corporation X9511WSIZ Datasheet HTML 4Page - Intersil Corporation X9511WSIZ Datasheet HTML 5Page - Intersil Corporation X9511WSIZ Datasheet HTML 6Page - Intersil Corporation X9511WSIZ Datasheet HTML 7Page - Intersil Corporation X9511WSIZ Datasheet HTML 8Page - Intersil Corporation X9511WSIZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
X9511
Single Push Button Controlled Potentiometer (XDCP™)
Linear, 32 Taps, Push Button Controlled,
Terminal Voltage ±5V
FEATURES
• Push button controlled
• Low power CMOS
—Active current, 3mA max
—Standby current, 100µA typical
• 31 resistive elements
—Temperature compensated
±20% end to end resistance range
—-5V to +5V range
• 32 wiper tap points
—Wiper positioned via two push button inputs
—Slow and fast scan modes
—AUTOSTORE® option
—Manual store option
—Wiper position stored in nonvolatile memory
and recalled on power-up
• 100 year wiper position data retention
• X9511W = 10k
Ω
• Packages
—8 Ld PDIP
—8 Ld SOIC
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The Intersil X9511 is a push button controlled potenti-
ometer that is ideal for push button controlled resis-
tance trimming.
The X9511 is a resistor array composed of 31 resistive
elements. Between each element and at either end
are tap points accessible to the wiper element. The
position of the wiper element is controlled by the PU
and PD inputs. The position of the wiper can be auto-
matically stored in E2 memory and then be recalled
upon a subsequent power-on operation.
The resolution of the X9511 is equal to the maximum
resistance value divided by 31. As an example, for the
X9511W (10k
Ω) each tap point represents 323Ω.
All Intersil nonvolatile products are designed and
tested for applications requiring extended endurance
and data retention.
ORDERING INFORMATION
PART NUMBER
PART MARKING
RTOTAL
(k
Ω)
TEMPERATURE
RANGE (°C)
PACKAGE
PKG. DWG. #
X9511WP
X9511WP
10
0 to +70
8 Ld PDIP
MDP0031
X9511WPZ (Note)
X9511WP Z
0 to +70
8 Ld PDIP*** (Pb-free) MDP0031
X9511WPI
X9511WP I
-40 to +85
8 Ld PDIP
MDP0031
X9511WPIZ (Note)
X9511WP Z I
-40 to +85
8 Ld PDIP*** (Pb-free) MDP0031
X9511WS**
X9511W
0 to +70
8 Ld SOIC
MDP0027
X9511WSZ*, **(Note)
X9511W Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9511WSI*, **
X9511W I
-40 to +85
8 Ld SOIC
MDP0027
X9511WSIZ*, ** (Note)
X9511W Z I
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials
and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
*Add "T1" suffix for tape and reel.
**Add "T2" suffix for tape and reel.
***Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8205.3
February 2, 2007


Similar Part No. - X9511WSIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511WSIZ INTERSIL-X9511WSIZ Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
X9511WSIZ INTERSIL-X9511WSIZ Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X9511WSIZ INTERSIL-X9511WSIZ Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Renesas Technology Corp
X9511WSIZ RENESAS-X9511WSIZ Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results

Similar Description - X9511WSIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
logo
Xicor Inc.
X9514 XICOR-X9514 Datasheet
56Kb / 11P
   PushPot??Potentiometer (Push Button Controlled)
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com