Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C010KM-12 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X28C010KM-12
Description  Protects data against system level inadvertent writes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010KM-12 Datasheet(HTML) 1 Page - Intersil Corporation

  X28C010KM-12 Datasheet HTML 1Page - Intersil Corporation X28C010KM-12 Datasheet HTML 2Page - Intersil Corporation X28C010KM-12 Datasheet HTML 3Page - Intersil Corporation X28C010KM-12 Datasheet HTML 4Page - Intersil Corporation X28C010KM-12 Datasheet HTML 5Page - Intersil Corporation X28C010KM-12 Datasheet HTML 6Page - Intersil Corporation X28C010KM-12 Datasheet HTML 7Page - Intersil Corporation X28C010KM-12 Datasheet HTML 8Page - Intersil Corporation X28C010KM-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN8105.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X28C010, X28HT010
5V, Byte Alterable EEPROM
The Intersil X28C010/X28HT010 is a 128K x 8 EEPROM,
fabricated with Intersil's proprietary, high performance,
floating gate CMOS technology. Like all Intersil
programmable non-volatile memories, the
X28C010/X28HT010 is a 5V only device. The
X28C010/X28HT010 features the JEDEC approved pin out
for byte-wide memories, compatible with industry standard
EEPROMs.
The X28C010/X28HT010 supports a 256-byte page write
operation, effectively providing a 19µs/byte write cycle and
enabling the entire memory to be typically written in less
than 2.5 seconds. The X28C010/X28HT010 also features
DATA Polling and Toggle Bit Polling, system software
support schemes used to indicate the early completion of a
write cycle. In addition, the X28C010/X28HT010 supports
Software Data Protection option.
Intersil EEPROMs are designed and tested for applications
requiring extended endurance. Data retention is specified to
be greater than 100 years.
Features
• Access time: 120ns
• Simple byte and page write
- Single 5V supply
- No external high voltages or VPP control
circuits
- Self-timed
• No erase before write
• No complex programming algorithms
• No overerase problem
• Low power CMOS
- Active: 50mA
- Standby: 500µA
• Software data protection
- Protects data against system level inadvertent writes
• High speed page write capability
• Highly reliable Direct Writecell
- Endurance: 100,000 write cycles
- Data retention: 100 years
• Early end of write detection
-DATA polling
- Toggle bit polling
• X28HT010 is fuly functional @ +175°C
Pinouts
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE
NC
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
X28C010
CERDIP
Flat Pack
SOIC (R)
PGA
X28C010
(Bottom View)
14
A0
16
I/O1
18
VSS
11
A3
9
A5
7
A7
15
I/O0
17
I/O2
19
I/O3
5
A15
2
NC
36
VCC
20
I/O4
21
I/O5
34
NC
23
I/O7
25
A10
27
A11
29
A8
22
I/O6
32
NC
24
CE
26
OE
28
A 9
30
A 13
13
A1
12
A2
10
A4
8
A6
4
A
16
3
NC
1
NC
35
WE
33
NC
31
A 14
6
A12
X28C010
(Top View)
A6
A5
A4
A3
A2
A1
A0
I/O 0
A13
A8
A9
A11
A10
I/O7
A14
OE
CE
A7
30
EXTENDED LCC
22
23
24
25
26
27
28
29
21
6
5
8
7
9
10
11
12
13
232
43
31
1
15
17
16
18 19 20
14
Data Sheet
February 12, 2007


Similar Part No. - X28C010KM-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010KM-12 XICOR-X28C010KM-12 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010KM-12 INTERSIL-X28C010KM-12 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
X28C010KM-12 INTERSIL-X28C010KM-12 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C010KM-12 RENESAS-X28C010KM-12 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
More results

Similar Description - X28C010KM-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE201 ETC2-XE201 Datasheet
1Mb / 4P
   Advanced data integrity protects against silent data corruption
logo
Micross Components
AS29LV016D MICROSS-AS29LV016D Datasheet
374Kb / 40P
   Superior inadvertent write protection
logo
Gennum Corporation
0512TQ GENNUM-0512TQ Datasheet
2Mb / 13P
   Protects Two High-Speed Data Lines
2451ZA GENNUM-2451ZA Datasheet
268Kb / 8P
   Protects one high speed data line
logo
Shanghai Semitech Semic...
ESD0521P SEMITECH-ESD0521P Datasheet
161Kb / 5P
   Protects one data, control or power line
logo
Level One
GNC-0105T LVL1-GNC-0105T Datasheet
521Kb / 4P
   10/100/1000Mbps wire speed transmission and reception IEEE 802.3x Flow Control protects against lost packets for reliable data transmission
FEP-0800 LVL1-FEP-0800 Datasheet
452Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission PoE on/off control per port by dip switches
logo
ATMEL Corporation
ATDH40M ATMEL-ATDH40M Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
logo
Level One
FEP-1600 LVL1-FEP-1600 Datasheet
495Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
FEP-1601 LVL1-FEP-1601 Datasheet
389Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com