Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9C104S Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9C104S
Description  Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C104S Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9C104S Datasheet HTML 2Page - Intersil Corporation X9C104S Datasheet HTML 3Page - Intersil Corporation X9C104S Datasheet HTML 4Page - Intersil Corporation X9C104S Datasheet HTML 5Page - Intersil Corporation X9C104S Datasheet HTML 6Page - Intersil Corporation X9C104S Datasheet HTML 7Page - Intersil Corporation X9C104S Datasheet HTML 8Page - Intersil Corporation X9C104S Datasheet HTML 9Page - Intersil Corporation X9C104S Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FN8222.3
July 20, 2009
Instructions and Programming
The INC, U/D and CS inputs control the movement of the
wiper along the resistor array. With CS set LOW, the device is
selected and enabled to respond to the U/D and INC inputs.
HIGH to LOW transitions on INC will increment or decrement
(depending on the state of the U/D input) a 7-bit counter. The
output of this counter is decoded to select one of one-hundred
wiper positions along the resistive array.
The value of the counter is stored in non-volatile memory
whenever CS transitions HIGH while the INC input is also
HIGH.
The system may select the X9Cxxx, move the wiper and
deselect the device without having to store the latest wiper
position in non-volatile memory. After the wiper movement is
performed as previously described and once the new
position is reached, the system must keep INC LOW while
taking CS HIGH. The new wiper position will be maintained
until changed by the system or until a power-down/up cycle
recalled the previously stored data.
This procedure allows the system to always power-up to a
pre-set value stored in non-volatile memory; then during
system operation, minor adjustments could be made. The
adjustments might be based on user preference, i.e.: system
parameter changes due to temperature drift, etc.
The state of U/D may be changed while CS remains LOW.
This allows the host system to enable the device and then
move the wiper up and down until the proper trim is attained.
Symbol Table
Performance Characteristics
Contact the factory for more information.
Applications Information
Electronic digitally controlled (XCDP) potentiometers provide
three powerful application advantages:
1. The variability and reliability of a solid-state
potentiometer.
2. The flexibility of computer-based digital controls.
3. The retentivity of non-volatile memory used for the
storage of multiple potentiometer settings or data.
Mode Selection
CS
INC
U/D
MODE
L
H
Wiper Up
L
L
Wiper Down
H
X
Store Wiper Position
H
X
X
Standby Current
L
X
No Store, Return to Standby
L
H
Wiper Up (not recommended)
L
L
Wiper Down (not recommended)
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
X9C102, X9C103, X9C104, X9C503


Similar Part No. - X9C104S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C104S XICOR-X9C104S Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9C104S INTERSIL-X9C104S Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C104S INTERSIL-X9C104S Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C104S INTERSIL-X9C104S Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C104S INTERSIL-X9C104S Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C104S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C103SIZT1 INTERSIL-X9C103SIZT1 Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
logo
Maxim Integrated Produc...
MAX5477EVKIT MAXIM-MAX5477EVKIT Datasheet
449Kb / 10P
   Power-On Recall of Wiper Position from Nonvolatile Memory
2005
MAX5422EVKIT MAXIM-MAX5422EVKIT Datasheet
229Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/08
MAX5417LEVCMODU MAXIM-MAX5417LEVCMODU Datasheet
158Kb / 9P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/05
MAX5432EVKIT MAXIM-MAX5432EVKIT Datasheet
256Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 2/08
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
ATMEL Corporation
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
   Data and Non-volatile Program Memory
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
   Data and non-volatile program memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com