Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5043M8Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # X5043M8Z
Description  CPU Supervisor with 4K SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5043M8Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X5043M8Z Datasheet HTML 2Page - Intersil Corporation X5043M8Z Datasheet HTML 3Page - Intersil Corporation X5043M8Z Datasheet HTML 4Page - Intersil Corporation X5043M8Z Datasheet HTML 5Page - Intersil Corporation X5043M8Z Datasheet HTML 6Page - Intersil Corporation X5043M8Z Datasheet HTML 7Page - Intersil Corporation X5043M8Z Datasheet HTML 8Page - Intersil Corporation X5043M8Z Datasheet HTML 9Page - Intersil Corporation X5043M8Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN8126.2
March 16, 2006
no microprocessor action, the watchdog timer control bits
remain unchanged, even during total power failure.
VCC Threshold Reset Procedure
The X5043, X5045 are shipped with a standard VCC
threshold (VTRIP) voltage. This value will not change over
normal operating and storage conditions. However, in
applications where the standard VTRIP is not exactly right, or
if higher precision is needed in the VTRIP value, the X5043,
X5045 threshold may be adjusted. The procedure is
described below, and uses the application of a high voltage
control signal.
Setting the VTRIP Voltage
This procedure is used to set the VTRIP to a higher voltage
value. For example, if the current VTRIP is 4.4V and the new
VTRIP is 4.6V, this procedure will directly make the change. If
the new setting is to be lower than the current setting, then it
is necessary to reset the trip point before setting the new
value.
To set the new VTRIP voltage, apply the desired VTRIP
threshold voltage to the VCC pin and tie the WP pin to the
programming voltage VP. Then send a WREN command,
followed by a write of Data 00h to address 01h. CS going
HIGH on the write operation initiates the VTRIP programming
sequence. Bring WP LOW to complete the operation.
Note: This operation also writes 00h to array address 01h.
Resetting the VTRIP Voltage
This procedure is used to set the VTRIP to a “native” voltage
level. For example, if the current VTRIP is 4.4V and the new
VTRIP must be 4.0V, then the VTRIP must be reset. When
VTRIP is reset, the new VTRIP is something less than 1.7V.
This procedure must be used to set the voltage to a lower
value.
To reset the VTRIP voltage, apply at least 3V to the VCC pin
and tie the WP pin to the programming voltage VP. Then
send a WREN command, followed by a write of Data 00h to
address 03h. CS going HIGH on the write operation initiates
the VTRIP programming sequence. Bring WP LOW to
complete the operation.
Note: This operation also writes 00h to array address 03h.
01 2 3 4 5 67
SCK
SI
CS
06h
01 2 3 4 5 67 8 9 10
12 13 14 15
8 Bits
01h
02h
WP
VP = 15-18V
00h
WREN
Write
Address
Data
11
FIGURE 1. SET VTRIP LEVEL SEQUENCE (VCC = DESIRED VTRIP VALUE.)
X5043, X5045


Similar Part No. - X5043M8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043M8Z INTERSIL-X5043M8Z Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043M8Z INTERSIL-X5043M8Z Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043M8Z INTERSIL-X5043M8Z Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043M8Z RENESAS-X5043M8Z Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5043M8Z-2.7 INTERSIL-X5043M8Z-2.7 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results

Similar Description - X5043M8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
logo
Xicor Inc.
X5043 XICOR-X5043 Datasheet
108Kb / 20P
   CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com