Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9317TM8Z Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9317TM8Z
Description  Digitally Controlled Potentiometer (XDCP??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317TM8Z Datasheet(HTML) 2 Page - Intersil Corporation

  X9317TM8Z Datasheet HTML 1Page - Intersil Corporation X9317TM8Z Datasheet HTML 2Page - Intersil Corporation X9317TM8Z Datasheet HTML 3Page - Intersil Corporation X9317TM8Z Datasheet HTML 4Page - Intersil Corporation X9317TM8Z Datasheet HTML 5Page - Intersil Corporation X9317TM8Z Datasheet HTML 6Page - Intersil Corporation X9317TM8Z Datasheet HTML 7Page - Intersil Corporation X9317TM8Z Datasheet HTML 8Page - Intersil Corporation X9317TM8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN8183.7
March 7, 2012
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
VCC LIMITS
(V)
RTOTAL
(k
Ω)
TEMPERATURE
RANGE (°C)
PACKAGE
PKG.
DWG. #
X9317ZM8Z
DDA
5 ±10%
1
0 to +70
8 Ld MSOP
M8.118
X9317ZM8IZ
DCY
-40 to +85
8 Ld MSOP
M8.118
X9317ZS8Z
X9317Z Z
0 to +70
8 Ld SOIC
M8.15E
X9317ZS8IZ
X9317Z Z I
-40 to +85
8 Ld SOIC
M8.15E
X9317ZV8Z
9317Z Z
0 to +70
8 Ld TSSOP
M8.173
X9317ZV8IZ
9317Z IZ
-40 to +85
8 Ld TSSOP
M8.173
X9317WM8Z
DCW
10
0 to +70
8 Ld MSOP
M8.118
X9317WM8IZ
DCT
-40 to +85
8 Ld MSOP
M8.118
X9317WS8Z
X9317W Z
0 to +70
8 Ld SOIC
M8.15E
X9317WS8IZ
X9317W ZI
-40 to +85
8 Ld SOIC
M8.15E
X9317WV8Z
9317W Z
0 to +70
8 Ld TSSOP
M8.173
X9317WV8IZ
9317W IZ
-40 to +85
8 Ld TSSOP
M8.173
X9317UM8Z
DCS
0 to +70
8 Ld MSOP
M8.118
X9317UM8IZ
DCR
-40 to +85
8 Ld MSOP
M8.118
X9317US8Z
X9317U Z
50
0 to +70
8 Ld SOIC
M8.15E
X9317US8IZ
X9317U ZI
-40 to +85
8 Ld SOIC
M8.15E
X9317UV8Z
9317U Z
0 to +70
8 Ld TSSOP
M8.173
X9317UV8IZ
9317U IZ
-40 to +85
8 Ld TSSOP
M8.173
X9317TM8Z
DCN
100
0 to +70
8 Ld MSOP
M8.118
X9317TM8IZ
DCL
-40 to +85
8 Ld MSOP
M8.118
X9317TS8Z
X9317T Z
0 to +70
8 Ld SOIC
M8.15E
X9317TS8IZ
X9317T ZI
-40 to +85
8 Ld SOIC
M8.15E
X9317TV8Z
9317T Z
0 to +70
8 Ld TSSOP
M8.173
X9317TV8IZ
9317T IZ
-40 to +85
8 Ld TSSOP
M8.173
X9317ZM8Z-2.7
AOA
2.7 to 5.5
1
0 to +70
8 Ld MSOP
M8.118
X9317ZM8IZ-2.7
DCZ
-40 to +85
8 Ld MSOP
M8.118
X9317ZS8Z-2.7
X9317Z ZF
0 to +70
8 Ld SOIC
M8.15E
X9317ZS8IZ-2.7
X9317Z ZG
-40 to +85
8 Ld SOIC
M8.15E
X9317ZV8Z-2.7
9317Z FZ
0 to +70
8 Ld TSSOP
M8.173
X9317ZV8IZ-2.7
9317Z GZ
-40 to +85
8 Ld TSSOP
M8.173
X9317WM8Z-2.7
DCX
10
0 to +70
8 Ld MSOP
M8.118
X9317WM8IZ-2.7
DCU
-40 to +85
8 Ld MSOP
M8.118
X9317WS8Z-2.7
X9317W ZF
0 to +70
8 Ld SOIC
M8.15E
X9317WS8IZ-2.7
X9317W ZG
-40 to +85
8 Ld SOIC
M8.15E
X9317WV8Z-2.7
9317W FZ
0 to +70
8 Ld TSSOP
M8.173
X9317WV8IZ-2.7
AKZ
-40 to +85
8 Ld TSSOP
M8.173
X9317UM8Z-2.7
AOB
0 to +70
8 Ld MSOP
M8.118
X9317UM8IZ-2.7
AOH
-40 to +85
8 Ld MSOP
M8.118
X9317US8Z-2.7
X9317U ZF
0 to +70
8 Ld SOIC
M8.15E
X9317US8IZ-2.7
X9317U ZG
-40 to +85
8 Ld SOIC
M8.15E
X9317UV8Z-2.7
9317U FZ
0 to +70
8 Ld TSSOP
M8.173
X9317UV8IZ-2.7
9317U GZ
-40 to +85
8 Ld TSSOP
M8.173
X9317


Similar Part No. - X9317TM8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317TM8Z INTERSIL-X9317TM8Z Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317TM8Z INTERSIL-X9317TM8Z Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
X9317TM8Z RENESAS-X9317TM8Z Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317TM8Z-2.7 INTERSIL-X9317TM8Z-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317TM8Z-2.7 INTERSIL-X9317TM8Z-2.7 Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
More results

Similar Description - X9317TM8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com