Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA-140 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CA-140
Description  Aluminium enclosures CA series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CA-140 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CA-140 Datasheet HTML 4Page - List of Unclassifed Manufacturers CA-140 Datasheet HTML 5Page - List of Unclassifed Manufacturers CA-140 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA-140 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA-140 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA-140 Datasheet HTML 9Page - List of Unclassifed Manufacturers CA-140 Datasheet HTML 10Page - List of Unclassifed Manufacturers CA-140 Datasheet HTML 11Page - List of Unclassifed Manufacturers CA-140 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
305
125 x 80 x 57 mm
CA-160
Aluminium enclosure
175 x 80 x 57 mm
CA-170
Aluminium enclosure
175 x 80 x 57 mm
CA-180
Aluminium enclosure
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
CA-160
435
125 x 80 x 57
Part number
116.0.0000.00
l
116.0.1380.00
116.0.0080.00
116.0.0100.00
116.0.0060.00
116.0.0450.00
951.1.0050.00
l
982.0.0360.00
l
980.1.0440.00
l
923.1.0050.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
10
4320000
Side C/D
42110000
** mechanical enclosure machining required
l = kept in stock
CA-170
530
175 x 80 x 57
Part number
117.0.0000.00
l
117.0.0090.00
117.0.0080.00
117.0.0100.00
117.0.0060.00
117.0.0160.00
982.3.0170.00
l
982.0.0140.00
l
980.1.0440.00
l
923.1.0050.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
14
6440000
Side C/D
32100000
** mechanical enclosure machining required
l = kept in stock
CA-180
530
175 x 80 x 57
Part number
118.0.0000.00
l
118.0.0440.00
118.0.0080.00
118.0.0100.00
118.0.0060.00
118.0.0400.00
951.1.0060.00
l
982.0.0370.00
l
980.1.0440.00
l
923.1.0050.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
14
6440000
Side C/D
42110000
** mechanical enclosure machining required
l = kept in stock
LID
BASE
LID
BASE
LID
BASE


Similar Part No. - CA-140

ManufacturerPart #DatasheetDescription
logo
CW Industries
CA-14-9101 CWIND-CA-14-9101 Datasheet
265Kb / 4P
   DIP Connectors
CA-14-9102 CWIND-CA-14-9102 Datasheet
265Kb / 4P
   DIP Connectors
CA-14-9103 CWIND-CA-14-9103 Datasheet
265Kb / 4P
   DIP Connectors
CA-14-9104 CWIND-CA-14-9104 Datasheet
265Kb / 4P
   DIP Connectors
CA-14-9105 CWIND-CA-14-9105 Datasheet
265Kb / 4P
   DIP Connectors
More results

Similar Description - CA-140

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7720027 FIBOX-7720027 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures
19.01.2023
7720070 FIBOX-7720070 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720139 FIBOX-7720139 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720026 FIBOX-7720026 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
8392227 FIBOX-8392227 Datasheet
53Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392224 FIBOX-8392224 Datasheet
51Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392228 FIBOX-8392228 Datasheet
50Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392226 FIBOX-8392226 Datasheet
60Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392229 FIBOX-8392229 Datasheet
48Kb / 1P
   Swing-out door/Front plate (aluminium), for enclosures
26.07.2023
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
   IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com