Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUED2C330 Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # EEUED2C330
Description  Aluminum Electrolytic Capacitors/ ED Radial Lead Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

EEUED2C330 Datasheet(HTML) 1 Page - Panasonic Battery Group

  EEUED2C330 Datasheet HTML 1Page - Panasonic Battery Group EEUED2C330 Datasheet HTML 2Page - Panasonic Battery Group EEUED2C330 Datasheet HTML 3Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Aluminum Electrolytic Capacitors/ ED
 EE87 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
n
Dimensions in mm (not to scale)
n
Ripple current Frequency Coefficient
Radial Lead Type
n
Features
n
Specifications
Japan
Malaysia
China
n
Main applications
Electronic ballast, Power supply input circuit
High ripple current (at high frequency)
Endurance: 105
°C 8000,10000h
Including low profile products (20mm height)
RoHS directive compliant
Country of Origin
5.0
5.0
7.5
7.5
Body Dia.
φD
Lead Dia.
φd
Lead space P
10
12.5
16
18
0.6
0.6
0.8
0.8
L
φd±0.05
14 min
3 min
φD+0.5 max
L >20:L+2.0 max
Vent
Sleeve
Frequency (Hz)
Cap.(µF)
50 < f <120 120 < f <300
300 < f <1k
1k < f <10k 10k < f <30k 30k < f <100k
Cap. < 100µF
100µF < Cap.
0.30
0.40
0.55
0.70
0.90
1.00
0.35
0.45
0.60
0.75
0.90
1.00
Category temp. range
Rated W.V. Range
Nominal Cap. Range
I < 0.06 CV + 10(µ A)
After 2 minutes application of rated working voltage at +20
°C
-25 to + 105
°C
160 to 450 V .DC
10 to 330 µ F
±20 % (120Hz/+20
°C)
DC Leakage Current
tan
δ
Capacitance Tolerance
Endurance
After following life test with DC voltage and +105±2
°C ripple current value applied (The sum of
DC and ripple peak voltage shall not exceed the rated working voltage), for regulation times,
the capacitors shall meet the limits specified bellow. Post test requirements at +20
°C.
Regulation times of life test:
φ 10=8000h, φ 12.5 to φ18=10000h
Capacitance change
tan
δ
DC leakage current
±20% of initial measured value
<
200 of initial specified value
<
initial specified value
Shelf Life
After storage for 1000 hours at +105±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitors shall meet the limits specified in Endurance (With voltage treatment)
Please see the attached standard products list
Characteristics at low
temperature
W.V.(V)
160
200 250
350
400 450
Z(-25
°C)/Z(20°C)
3
3
366
6
ED
A
Series:
Type :
(mm)
(Impedance ratio at 120Hz)


Similar Part No. - EEUED2C330

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUED2C330 PANASONIC-EEUED2C330 Datasheet
158Kb / 3P
   Aluminum Electrolytic Capacitors ED
EEUED2C330 PANASONIC-EEUED2C330 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2C330 PANASONIC-EEUED2C330 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2C330 PANASONIC-EEUED2C330 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2C330B PANASONIC-EEUED2C330B Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
More results

Similar Description - EEUED2C330

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFS0J221B PANASONIC-EEUFS0J221B Datasheet
77Kb / 4P
   Aluminum Electrolytic Capacitors (Radial Lead Type)
EEUFM PANASONIC-EEUFM Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
EEU-ED2D220 PANASONIC-EEU-ED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EET-ED2W471EA PANASONIC-EET-ED2W471EA Datasheet
70Kb / 5P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G220 PANASONIC-EEU-ED2G220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2E470 PANASONIC-EEU-ED2E470 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G470 PANASONIC-EEU-ED2G470 Datasheet
158Kb / 3P
   Aluminum Electrolytic Capacitors ED
EEU-ED2C221 PANASONIC-EEU-ED2C221 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2D220 PANASONIC-EEUED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com