Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7431DP-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI7431DP-T1-GE3
Description  P-Channel 200 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7431DP-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7431DP-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI7431DP-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI7431DP-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7431DP-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7431DP-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7431DP-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7431DP-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7431DP-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 73116
S10-2246-Rev. E, 04-Oct-10
www.vishay.com
3
Vishay Siliconix
Si7431DP
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
10203040
50
VGS = 6 V
ID - Drain Current (A)
VGS = 10 V
0
2
4
6
8
10
0
153045
607590
VDS = 10 V
ID = 3.8 A
Qg - Total Gate Charge (nC)
1.0
1.2
0.1
10
40
0
0.2
0.4
0.6
0.8
TJ = 25 °C
TJ = 150 °C
VDS - Source-to-Drain Voltage (V)
1
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
1000
2000
3000
4000
5000
6000
0
30
60
90
120
150
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
Crss
0.4
0.7
1.0
1.3
1.6
1.9
2.2
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 3.8 A
TJ - Junction Temperature (°C)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
2468
10
ID = 3.8 A
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI7431DP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7431DP-T1-GE3 VISHAY-SI7431DP-T1-GE3 Datasheet
330Kb / 12P
   P-Channel 200 V (D-S) MOSFET
Rev. E, 04-Oct-10
More results

Similar Description - SI7431DP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AM10P20-690D AIC-AM10P20-690D Datasheet
321Kb / 5P
   P-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI1419DH VISHAY-SI1419DH Datasheet
225Kb / 3P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 14-Mar-05
SI2327DS VISHAY-SI2327DS Datasheet
89Kb / 6P
   P-Channel 200-V (D-S) MOSFET
S-42448-Rev. A, 10-Jan-05
SI3475DV VISHAY-SI3475DV Datasheet
119Kb / 7P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 06-Nov-06
logo
Analog Power
AM3413P ANALOGPOWER-AM3413P Datasheet
341Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM7001P ANALOGPOWER-AM7001P Datasheet
512Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM40P20-150PCFM ANALOGPOWER-AM40P20-150PCFM Datasheet
58Kb / 2P
   P-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI7119DN VISHAY-SI7119DN Datasheet
196Kb / 4P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 13-Nov-06
SI1419DH VISHAY-SI1419DH_08 Datasheet
97Kb / 6P
   P-Channel 200-V (D-S) MOSFET
Rev. B, 28-Feb-05
logo
Analog Power
AM90P20-170B ANALOGPOWER-AM90P20-170B Datasheet
361Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM30P20-500P ANALOGPOWER-AM30P20-500P Datasheet
404Kb / 5P
   P-Channel 200-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com