Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65110A3342 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # Q65110A3342
Description  Package: SMT package 0603, colorless diffused resin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A3342 Datasheet(HTML) 4 Page - OSRAM GmbH

  Q65110A3342 Datasheet HTML 1Page - OSRAM GmbH Q65110A3342 Datasheet HTML 2Page - OSRAM GmbH Q65110A3342 Datasheet HTML 3Page - OSRAM GmbH Q65110A3342 Datasheet HTML 4Page - OSRAM GmbH Q65110A3342 Datasheet HTML 5Page - OSRAM GmbH Q65110A3342 Datasheet HTML 6Page - OSRAM GmbH Q65110A3342 Datasheet HTML 7Page - OSRAM GmbH Q65110A3342 Datasheet HTML 8Page - OSRAM GmbH Q65110A3342 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2012-10-01
4
Version 1.0 (Replacement in due course)
Characteristics (TA = 25 °C; IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Dominant Wavelength 3) page 19
Dominantwellenlänge 3) Seite 19
(min.)
(max.)
λdom
λdom
554
566
nm
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
160
°
Forward voltage 4) page 19
Durchlassspannung 4) Seite 19
(typ.)
(max.)
VF
VF
2.00
2.40
V
V
Reverse current
Sperrstrom
(VR = 12 V)
(typ.)
(max.)
IR
IR
0.01
10
μA
µA
Temperature coefficient of λpeak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλpeak
0.1
nm/K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(-10°C ≤ T ≤ 100°C)
(typ.)
TCV
-2.30
mV/K
Real thermal resistance junction / ambient
5) page 19 , 6) page 19
Realer Wärmewiderstand Sperrschicht /
Umgebung 5) Seite 19 , 6) Seite 19
(max.)
Rth JA real
500
K/W
Real thermal resistance junction / solder point
6) page 19
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 19
(max.)
Rth JS real
290
K/W


Similar Part No. - Q65110A3342

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A3348 OSRAM-Q65110A3348 Datasheet
244Kb / 2P
   OLED DISPLAY SOLUTIONS
More results

Similar Description - Q65110A3342

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-Q39E OSRAM-LB-Q39E Datasheet
1Mb / 21P
   SMT package 0603, colorless diffused resin
LS-L296 OSRAM-LS-L296 Datasheet
388Kb / 20P
   SMT package 0603, colorless diffused resin
LG-L29K OSRAM-LG-L29K Datasheet
423Kb / 20P
   SMT package 0603, colorless diffused resin
LP-L296 OSRAM-LP-L296 Datasheet
388Kb / 20P
   SMT package 0603, colorless diffused resin
LY-L29K OSRAM-LY-L29K Datasheet
390Kb / 20P
   SMT package 0603, colorless diffused resin
LO-L296 OSRAM-LO-L296 Datasheet
393Kb / 20P
   SMT package 0603, colorless diffused resin
LS-L29K OSRAM-LS-L29K Datasheet
383Kb / 20P
   SMT package 0603, colorless diffused resin
LT-Q39E OSRAM-LT-Q39E Datasheet
1Mb / 21P
   SMT package 0603, colorless diffused resin
LGQ396-PS-35 OSRAM-LGQ396-PS-35 Datasheet
1Mb / 20P
   SMT package 0603, colorless diffused resin
LB-Q39G OSRAM-LB-Q39G Datasheet
1Mb / 21P
   SMT package 0603, colorless diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com