Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUED2V100 Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # EEUED2V100
Description  Aluminum Electrolytic Capacitors/ ED Radial Lead Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

EEUED2V100 Datasheet(HTML) 3 Page - Panasonic Battery Group

  EEUED2V100 Datasheet HTML 1Page - Panasonic Battery Group EEUED2V100 Datasheet HTML 2Page - Panasonic Battery Group EEUED2V100 Datasheet HTML 3Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Aluminum Electrolytic Capacitors/ ED
 EE89 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
n Standard Products
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5mm, 7.5mm.
The taping dimensions are explained on p.196 of our Catalog. Please use it as a reference guide.
450
400
(mm) (mm)
(µF)
(mA)
(V)
Specification
Dia. Length
Case size
Cap.
(±20%)
Lead Length
W.V.
Ripple
current
(100kHz)
(+105˚C)
100
18
31.5
1200
0.20
10000
0.8
7.5
EEUED2V101
50
10
10
20
300
0.24
8000
0.6
5.0
5.0
EEUED2G100( )
200
500
15
12.5
20
410
0.24 10000
0.6
5.0
5.0
EEUED2G150( )
200
500
22
12.5
25
500
0.24 10000
0.6
5.0
5.0
EEUED2G220( )
200
500
16
20
600
0.24
10000
0.8
7.5
7.5
EEUED2G220S( )
100
250
33
16
20
730
0.24
10000
0.8
7.5
7.5
EEUED2G330S( )
100
250
47
16
25
840
0.24
10000
0.8
7.5
7.5
EEUED2G470( )
100
250
18
20
840
0.24
10000
0.8
7.5
7.5
EEUED2G470S( )
100
250
68
18
31.5
1200
0.24 10000
0.8
7.5
EEUED2G680
50
82
18
40
1500
0.24 10000
0.8
7.5
EEUED2G820
50
10
12.5
20
350
0.24
10000
0.6
5.0
5.0
EEUED2W100( )
200
500
15
12.5
25
560
0.24
10000
0.6
5.0
5.0 EEUED2W150( )
200
500
22
16
20
680
0.24
10000
0.8
7.5
7.5
EEUED2W220S( )
100
250
33
16
31.5
850
0.24
10000
0.8
7.5
EEUED2W330
100
18
25
850
0.24
10000
0.8
7.5
7.5
EEUED2W330S( )
100
250
47
18
31.5
1000
0.24
10000
0.8
7.5
EEUED2W470
50
68
18
40
1300
0.24 10000
0.8
7.5
EEUED2W680
50
350
(mm)
(pcs)
(pcs)
(mm)
Lead Space
Part No.
Taping
Lead
Dia.
Straight Taping
*B
Min.Packaging Q'ty
Straight
Leads
Endu-
rance
(hours)
tan
δ
(120Hz)
(+20
°C)
(mm)


Similar Part No. - EEUED2V100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUED2V100 PANASONIC-EEUED2V100 Datasheet
158Kb / 3P
   Aluminum Electrolytic Capacitors ED
EEUED2V100 PANASONIC-EEUED2V100 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2V100 PANASONIC-EEUED2V100 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2V100 PANASONIC-EEUED2V100 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2V100B PANASONIC-EEUED2V100B Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
More results

Similar Description - EEUED2V100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFS0J221B PANASONIC-EEUFS0J221B Datasheet
77Kb / 4P
   Aluminum Electrolytic Capacitors (Radial Lead Type)
EEUFM PANASONIC-EEUFM Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
EEU-ED2D220 PANASONIC-EEU-ED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EET-ED2W471EA PANASONIC-EET-ED2W471EA Datasheet
70Kb / 5P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G220 PANASONIC-EEU-ED2G220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2E470 PANASONIC-EEU-ED2E470 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G470 PANASONIC-EEU-ED2G470 Datasheet
158Kb / 3P
   Aluminum Electrolytic Capacitors ED
EEU-ED2C221 PANASONIC-EEU-ED2C221 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2D220 PANASONIC-EEUED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com