Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNBG3211Q20TC Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZNBG3211Q20TC
Description  FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNBG3211Q20TC Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZNBG3211Q20TC Datasheet HTML 7Page - Diodes Incorporated ZNBG3211Q20TC Datasheet HTML 8Page - Diodes Incorporated ZNBG3211Q20TC Datasheet HTML 9Page - Diodes Incorporated ZNBG3211Q20TC Datasheet HTML 10Page - Diodes Incorporated ZNBG3211Q20TC Datasheet HTML 11Page - Diodes Incorporated ZNBG3211Q20TC Datasheet HTML 12Page - Diodes Incorporated ZNBG3211Q20TC Datasheet HTML 13Page - Diodes Incorporated ZNBG3211Q20TC Datasheet HTML 14Page - Diodes Incorporated ZNBG3211Q20TC Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
67-11
APPLICATIONS CIRCUIT
APPLICATIONS INFORMATION
The above is a partial application circuit for the ZNBG series showing all external components
required for appropriate biasing. The bias circuits are unconditionally stable over the full
temperature range with the associated FETs and gate and drain capacitors in circuit.
Capacitors CD and CG ensure that residual power supply and substrate generator noise is not
allowed to affect other external circuits which may be sensitive to RF interference. They also
serve to suppress any potential RF feedthrough between stages via the ZNBG device. These
capacitors are required for all stages used. Values of 10nF and 4.7nF respectively are
recommended however this is design dependent and any value between 1nF and 100nF could
be used.
The capacitors CNB and CSUB are an integral part of the ZNBGs negative supply generator. The
negative bias voltage is generated on-chip using an internal oscillator. The required value of
capacitors CNB and CSUB is 47nF. This generator produces a low current supply of approximately
-3 volts. Although this generator is intended purely to bias the external FETs, it can be used to
power other external circuits via the CSUB pin.
Resistor RCAL sets the drain current at which all external FETs are operated. If any bias control
circuit is not required, its related drain and gate connections may be left open circuit without
affecting the operation of the remaining bias circuits.
The ZNBG devices have been designed to protect the external FETs from adverse operating
conditions. With a JFET connected to any bias circuit, the gate output voltage of the bias circuit
can not exceed the range -3.5V to 1V under any conditions, including powerup and powerdown
transients. Should the negative bias generator be shorted or overloaded so that the drain current
of the external FETs can no longer be controlled, the drain supply to FETs is shut down to avoid
damage to the FETs by excessive drain current.
ZNBG3210
ZNBG3211


Similar Part No. - ZNBG3211Q20TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3211Q20 ZETEX-ZNBG3211Q20 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
More results

Similar Description - ZNBG3211Q20TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Aimtron Technology
AT1512 AIMTRON-AT1512 Datasheet
351Kb / 11P
   FET BIAS CONTROLLER AND TONE DETECTION
AT1511 AIMTRON-AT1511 Datasheet
276Kb / 9P
   FET BIAS CONTROLLER AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3113 DIODES-ZNBG3113 Datasheet
698Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION
ZNBG3210 DIODES-ZNBG3210 Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com