Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXT5006D Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPXT5006D
Description  INTEGRATED PRESSURE SENSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXT5006D Datasheet(HTML) 4 Page - Motorola, Inc

  MPXT5006D Datasheet HTML 1Page - Motorola, Inc MPXT5006D Datasheet HTML 2Page - Motorola, Inc MPXT5006D Datasheet HTML 3Page - Motorola, Inc MPXT5006D Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MPXT5006D SERIES
4
Motorola Sensor Device Data
PACKAGE DIMENSIONS
CASE 473B–01
ISSUE O
X
V
W
K
Y
D
G
A
C
U
H
J
R
432 1
B
P
N
S
M
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.035
1.065
26.29
27.05
B
0.813
0.833
20.65
21.16
C
0.593
0.623
15.06
15.82
D
0.026
0.034
0.66
0.86
G
0.090
0.110
2.29
2.79
H
0.027
0.059
0.68
1.50
J
0.008
0.012
0.20
0.30
K
0.130
0.150
3.30
3.56
M
30
40
30
40
N
0.735
0.765
18.67
19.43
P
1.285
1.315
32.64
33.40
R
0.510
0.540
12.95
13.72
S
1.195
1.225
30.35
31.11
U
0.105
0.135
2.67
3.43
V
0.245
0.255
6.22
6.48
W
0.173
0.183
4.39
4.65
X
0.195
0.205
4.95
5.21
Y
0.240
0.260
6.10
6.60
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION –H– IS CENTER OF TINE TO CENTER
OF LEAD. DIMENSION –J– IS LEAD THICKNESS.
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. N/C
__
__
CASE 473A–01
ISSUE A
G
–B–
–A–
1
4
8
5
P
F
M
U
R
J
8 PL
S
B
M
0.25 (0.010)
A S
T
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006).
5. ALL VERTICAL SURFACES 5
_TYPICAL DRAFT.
6. DIMENSION P TO CENTER OF LEAD WHEN
FORMED PARALLEL.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.658
0.668
16.71
16.97
B
0.658
0.668
16.71
16.97
C
0.329
0.357
8.36
9.07
F
0.026
0.034
0.660
0.864
G
0.100 BSC
2.54 BSC
J
0.009
0.011
0.23
0.28
L
0.138
0.150
3.81
3.51
M
0
15
0
15
P
0.738
0.748
18.75
19.00
R
0.503
0.523
12.78
13.28
U
0.135
0.145
3.43
3.68
__
__
L
–T–
C
DETAIL X
S
DETAIL X
S
0.002
0.020
0.05
0.51
SEATING
PLANE
STYLE 3:
PIN 1. VOUT
2. GROUND
3. VSUPPLY
4. N/C
5. N/C
6. N/C
7. N/C
8. N/C
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 1–303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Customer Focus Center: 1–800–521–6274
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 1–602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
Motorola Fax Back System
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
– http://sps.motorola.com/mfax/
HOME PAGE: http://motorola.com/sps/
MPXT5006D/D


Similar Part No. - MPXT5006D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXT2010 MOTOROLA-MPXT2010 Datasheet
91Kb / 4P
   COMPENSATED PRESSURE SENSOR
MPXT2010G7U MOTOROLA-MPXT2010G7U Datasheet
91Kb / 4P
   COMPENSATED PRESSURE SENSOR
MPXT4100 MOTOROLA-MPXT4100 Datasheet
134Kb / 8P
   X-ducer SILICON PRESSURE SENSORS
MPXT4100A7U MOTOROLA-MPXT4100A7U Datasheet
134Kb / 8P
   X-ducer SILICON PRESSURE SENSORS
MPXT4101A7U MOTOROLA-MPXT4101A7U Datasheet
134Kb / 8P
   X-ducer SILICON PRESSURE SENSORS
More results

Similar Description - MPXT5006D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXA6115A MOTOROLA-MPXA6115A Datasheet
404Kb / 12P
   INTEGRATED PRESSURE SENSOR
MPXS4100A MOTOROLA-MPXS4100A Datasheet
94Kb / 6P
   INTEGRATED PRESSURE SENSOR
logo
Freescale Semiconductor...
MPX4100 FREESCALE-MPX4100 Datasheet
236Kb / 10P
   INTEGRATED PRESSURE SENSOR
logo
Motorola, Inc
MPXV4006G MOTOROLA-MPXV4006G Datasheet
314Kb / 12P
   INTEGRATED PRESSURE SENSOR
logo
List of Unclassifed Man...
HDPM01 ETC2-HDPM01 Datasheet
1Mb / 19P
   Integrated pressure sensor
logo
TE Connectivity Ltd
MS5525DSO TEC-MS5525DSO Datasheet
1Mb / 22P
   Integrated Digital Pressure Sensor
logo
ELMOS Semiconductor AG
E777.01 ELMOS-E777.01 Datasheet
138Kb / 1P
   Co-integrated pressure sensor
logo
Melexis Microelectronic...
MLX90269 MELEXIS-MLX90269 Datasheet
179Kb / 9P
   Absolute Integrated Pressure Sensor
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
   Relative Integrated Pressure Sensor
logo
JL World Company Limite...
MPS-301A JLWORLD-MPS-301A Datasheet
3Mb / 9P
   Integrated, Absolute Pressure Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com