Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2528Z Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2528Z
Description  10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2528Z Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-2528Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-2528Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-2528Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-2528Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-2528Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-2528Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-2528Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2528Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
6.5
(0.255)
10.2
(0.400)
4.2
(0.165)
1.27
(0.050)
2.5
(0.100)
0.51
(0.020)
PIN NO.1 INDICATOR
18.9
(0.743)
2.0
(0.080)
7.62
(0.300)
0.64
(0.025)
7.62
(0.300)
3.0
(0.118)
1.73
(0.068)
0.64 (0.025) DIA.
NOTE: ALL DIMENSIONS IN MM (INCHES).
ALL DIMENSIONS ± 0.25 mm UNLESS
OTHERWISE SPECIFIED.
5.1
(0.200)
3.81(0.150) MAX.
3.56 (0.140) MIN.
TRANSMITTER
HFBR-1528
RECEIVER
HFBR-2528
1
2
3
4
5
8
ANODE
CATHODE
GROUND*
GROUND*
GROUND**
GROUND**
SIGNAL, VO
GROUND
VCC (+5 V)
GROUND*
GROUND**
GROUND**
PIN NO.
* NO INTERNAL CONNECTION,
GROUND CONNECTION RECOMMENDED.
** PINS 5 AND 8 CONNECTED INTERNALLY
TO EACH OTHER.
ELECTRICAL PIN FUNCTIONS
4
1
3
2
5
8
7.62
(0.300)
1.01° (0.040) DIA.
1.85
(0.073)
MIN.
TOP VIEW
2.54
(0.100)
7.62
(0.300)
Figure 6. HFBR-2528Z receiver block diagram.
Versatile Link Mechanical Dimensions
Versatile Link Printed Circuit Board
Layout Dimensions
3 VCC
PIN
PHOTODIODE
AMPLIFIER
COM-
PARATOR
8 GROUND
1 VO, DATA
2 GROUND
5 GROUND
REFERENCE
VOLTAGE
THRESHOLD
GENERATOR
FIRST BIT
BURST PWD
CORRECTION


Similar Part No. - HFBR-2528Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-2528 HP-HFBR-2528 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2528 AVAGO-HFBR-2528 Datasheet
208Kb / 8P
   10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
More results

Similar Description - HFBR-2528Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0508 AVAGO-HFBR-0508 Datasheet
208Kb / 8P
   10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
HFBR-1525EZ AVAGO-HFBR-1525EZ Datasheet
131Kb / 7P
   12 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
AFBR-1644Z AVAGO-AFBR-1644Z Datasheet
90Kb / 7P
   DC, 50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF
AFBR-1624Z AVAGO-AFBR-1624Z Datasheet
99Kb / 7P
   DC, 50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF
AFBR-2521CZ AVAGO-AFBR-2521CZ Datasheet
320Kb / 9P
   DC?? Megabaud Versatile Link Fiber Optic Receiver for 1mm POF and 200關m PCS
AFBR-T524Z AVAGO-AFBR-T524Z Datasheet
257Kb / 7P
   50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1mm POF
logo
Broadcom Corporation.
AFBR-25X1CZ BOARDCOM-AFBR-25X1CZ Datasheet
320Kb / 9P
   DC?? Megabaud Versatile Link Fiber Optic Receiver for 1mm POF and 200關m PCS
AFBR-1528CZ BOARDCOM-AFBR-1528CZ Datasheet
1Mb / 12P
   DC to 10-MBd Versatile Link Fiber Optic Analog Transmitter and Digital Receiver for 1-mm POF and 200-關m PCS
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1529Z AVAGO-AFBR-1529Z Datasheet
199Kb / 5P
   DC to 10 Mbd Versatile Link Fiber Optic Analog Transmitter for 1 mm POF and 200 關m PCS
logo
Broadcom Corporation.
AFBR-15X1CZ BOARDCOM-AFBR-15X1CZ Datasheet
1Mb / 14P
   DC to 5-MBd Versatile Link Fiber Optic Analog Transmitter and Digital Receiver for 1-mm POF and 200-關m PCS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com