Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-8ETH06FP-N3 Datasheet(PDF) 7 Page - Nichicon corporation

Part # VS-8ETH06FP-N3
Description  Hyperfast Rectifier, 8 A FRED Pt짰
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

VS-8ETH06FP-N3 Datasheet(HTML) 7 Page - Nichicon corporation

  VS-8ETH06FP-N3 Datasheet HTML 1Page - Nichicon corporation VS-8ETH06FP-N3 Datasheet HTML 2Page - Nichicon corporation VS-8ETH06FP-N3 Datasheet HTML 3Page - Nichicon corporation VS-8ETH06FP-N3 Datasheet HTML 4Page - Nichicon corporation VS-8ETH06FP-N3 Datasheet HTML 5Page - Nichicon corporation VS-8ETH06FP-N3 Datasheet HTML 6Page - Nichicon corporation VS-8ETH06FP-N3 Datasheet HTML 7Page - Nichicon corporation VS-8ETH06FP-N3 Datasheet HTML 8Page - Nichicon corporation VS-8ETH06FP-N3 Datasheet HTML 9Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 20-Jul-11
1
Document Number: 95005
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
5° ± 0.5°
3.3
3.1
5° ± 0.5°
0.9
0.7
2.54 TYP.
2.54 TYP.
10.6
10.4
3.7
3.2
7.31
6.91
0.61
0.38
2.85
2.65
2.8
2.6
1.4
1.3
10°
4.8
4.6
16.0
15.8
16.4
15.4
(2 places)
R 0.7
R 0.5
Hole Ø
3.4
3.1
TYP.
1.15
1.05
13.56
13.05
Lead assignments
Diodes
1 + 2 - Cathode
3 - Anode
Conforms to JEDEC outline TO-220 FULL-PAK


Similar Part No. - VS-8ETH06FP-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8ETH06FP-N3 VISHAY-VS-8ETH06FP-N3 Datasheet
146Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 26-Oct-17
VS-8ETH06FP-N3 VISHAY-VS-8ETH06FP-N3 Datasheet
147Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt짰
01-Jan-2022
VS-8ETH06FP-N3 VISHAY-VS-8ETH06FP-N3 Datasheet
148Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt짰
01-Jan-2022
VS-8ETH06FP-N3 VISHAY-VS-8ETH06FP-N3_V01 Datasheet
147Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-8ETH06FP-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8ETX06S-M3 VISHAY-VS-8ETX06S-M3_V01 Datasheet
228Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt짰
01-Jan-2022
VS-8EWH06FNM3 VISHAY-VS-8EWH06FNM3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 11-Apr-18
VS-8ETH06S-M3 VISHAY-VS-8ETH06S-M3 Datasheet
218Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 24-Oct-17
VS-ETH0806-M3 VISHAY-VS-ETH0806-M3_V01 Datasheet
192Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt짰
01-Jan-2022
VS-8ETX06-M3 VISHAY-VS-8ETX06-M3 Datasheet
148Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 23-Nov-17
VS-8ETH06SPBF VISHAY-VS-8ETH06SPBF_V01 Datasheet
150Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt짰
08-Feb-17
VS-8ETH06SHM3 VISHAY-VS-8ETH06SHM3 Datasheet
197Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 08-Nov-16
VS-8ETH06-M3 VISHAY-VS-8ETH06-M3 Datasheet
147Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 23-Nov-17
VS-8ETH06FP-N3 VISHAY-VS-8ETH06FP-N3 Datasheet
146Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 26-Oct-17
VS-8EVH06-M3 VISHAY-VS-8EVH06-M3 Datasheet
178Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 12-Jan-2021
VS-8ETH03S-M3 VISHAY-VS-8ETH03S-M3_V01 Datasheet
222Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt짰
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com