Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5401EVM-708 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS5401EVM-708
Description  0.5-A, 42-V Input, Step-Down SWIFT??Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5401EVM-708 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS5401EVM-708 Datasheet HTML 4Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 5Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 6Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 7Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 8Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 9Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 10Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 11Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
10
20
30
40
–50
–25
0
25
50
75
100
125
150
T – Junction Temperature – °C
J
V
= 12 V
IN
50
70
90
110
130
150
–50
–25
0
25
50
75
100
125
150
T – Junction Temperature – °C
J
V
= 12 V
IN
1.1
1.2
1.3
1.4
–50
–25
0
25
50
75
100
125
150
T – Junction Temperature – °C
J
V
= 12 V
IN
–4.25
–4
–3.75
–3.5
–3.25
–50
–25
0
25
50
75
100
125
150
T
Junction Temperature
°C
J
V
= 12 V
V
= Threshold + 50 mV
IN
EN
–1
–0.95
–0.9
–0.85
–0.8
–50
–25
0
25
50
75
100
125
150
T
Junction Temperature °C
J
V
= 12 V
V
= Threshold
50 mV
IN
EN
–3
–2.5
–2
–1.5
–1
–50
–25
0
25
50
75
100
125
150
T – Junction Temperature
°C
J
V
= 12 V
IN
TPS5401
SLVSAB0 – DECEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
EA TRANSCONDUCTANCE DURING SLOW-START vs
JUNCTION TEMPERATURE
EA TRANSCONDUCTANCE vs JUNCTION TEMPERATURE
Figure 7.
Figure 8.
ENABLE THRESHOLD VOLTAGE vs JUNCTION
TEMPERATURE
EN PIN CURRENT vs JUNCTION TEMPERATURE
Figure 9.
Figure 10.
EN PIN CURRENT vs JUNCTION TEMPERATURE
SS/TR CHARGE CURRENT vs JUNCTION TEMPERATURE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS5401


Similar Part No. - TPS5401EVM-708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5401EVM-708 TI1-TPS5401EVM-708 Datasheet
1Mb / 41P
[Old version datasheet]   0.5-A, 42-V Input, Step-Down SWIFT Converter
More results

Similar Description - TPS5401EVM-708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5401 TI-TPS5401 Datasheet
833Kb / 37P
[Old version datasheet]   0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS5401EVM-708 TI1-TPS5401EVM-708 Datasheet
1Mb / 41P
[Old version datasheet]   0.5-A, 42-V Input, Step-Down SWIFT Converter
TPS5401 TI-TPS5401_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS5401 0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com