Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-EL1A-Z1LDD Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EL1A-Z1LDD
Description  New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL1A-Z1LDD Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EL1A-Z1LDD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL1A-Z1LDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Package Dimension
A: Non-standoff
B: Standoff
Viewing Angle
d
5°
2.39±0.25
(0.476±0.00)
23° & 30°
.96±0.25
(0.459±0.00)
Notes:
. All dimensions are in millimeters (inches)
2. Leads are mild steel with tin plating.
3. The epoxy meniscus is .2mm max
4. For Identification of polarity after the
leads are trimmed off, please refer to the
illustration below:
CATHODE
ANODE
1.14 ±0.20
(0.045 ± 0.008)
5.80 ±0.20
(0.228 ±0.008)
31.60
(1.244) MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71 ±0.20
(0.343 ±0.008)
2.54 ±0.38
(0.100 ±0.015)
0.50 ±0.10
(0.020 ±0.004) SQ. TYP.
CATHODE
LEAD
2.35 (0.093)
MAX.
CATHODE
FLAT
1.14 ±0.20
(0.045 ±0.008)
5.80 ±0.20
(0.228 ±0.008)
31.60
(1.244) MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71 ±0.20
(0.343 ±0.008)
2.54 ±0.38
(0.100 ±0.015)
0.50 ±0.10
(0.020 ±0.004) SQ. TYP.
CATHODE
LEAD
CATHODE
FLAT
d
1.50 ±0.15
(0.059 ±0.006)
5.00 ± 0.20
(0.197 ± 0.008)
5.00 ± 0.20
(0.197 ± 0.008)


Similar Part No. - HLMP-EL1A-Z1LDD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-EL1A-Z1LDD BOARDCOM-HLMP-EL1A-Z1LDD Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
More results

Similar Description - HLMP-EL1A-Z1LDD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL12-VY0DD AVAGO-HLMP-EL12-VY0DD Datasheet
462Kb / 11P
   T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL1A-Z1KDV AVAGO-HLMP-EL1A-Z1KDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-544UG UOT-MVL-544UG Datasheet
35Kb / 2P
   T-1 3/4 ( f 5mm) HIGH POWER AlInGaP LED LAMPs
MVL-5A4UYL UOT-MVL-5A4UYL Datasheet
38Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
logo
Visual Communications C...
4304H6 VCC-4304H6 Datasheet
58Kb / 1P
   Solid State LED Lamps-High Brightness T-1 3/4 (5mm)
logo
Unity Opto Technology
MVL-5A4SO UOT-MVL-5A4SO Datasheet
39Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com