Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76927-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS76927-Q1
Description  Ultralow-Power 100-mA Low-Dropout Linear Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76927-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS76927-Q1 Datasheet HTML 3Page - Texas Instruments TPS76927-Q1 Datasheet HTML 4Page - Texas Instruments TPS76927-Q1 Datasheet HTML 5Page - Texas Instruments TPS76927-Q1 Datasheet HTML 6Page - Texas Instruments TPS76927-Q1 Datasheet HTML 7Page - Texas Instruments TPS76927-Q1 Datasheet HTML 8Page - Texas Instruments TPS76927-Q1 Datasheet HTML 9Page - Texas Instruments TPS76927-Q1 Datasheet HTML 10Page - Texas Instruments TPS76927-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
−60
−20
TA − Free-Air Temperature − °C
15
22
V I = 4.3 V
C O = 4.7 µF
−40
60
21
20
19
18
17
16
IO = 0 mA
IO = 100 mA
0
20
40
80
100
120
140
f − Frequency − Hz
C O = 10 µF
IO = 1 mA
V I = 4.3 V
0
1.6
1
2
0.2
1.4
0.4
1.8
0.6
1.2
0.8
100
C O = 4.7 µF
IO = 1 mA
C O = 4.7 µF
IO = 100 mA
C O = 10 µF
IO = 100 mA
1k
10k
100k
TA − Free-Air Temperature − °C
2.476
2.492
2.486
2.496
2.478
2.490
2.480
2.494
2.482
−40
60
IO = 1 mA
IO = 100 mA
V I = 3.5 V
C O = 4.7 µF
2.488
2.484
−60
−20
0
40
20
80
100
120
140
TA − Free-Air Temperature − °C
3.265
3.260
3.255
3.270
3.285
3.275
3.280
−40
60
IO = 100 mA
V I = 4.3 V
C O = 4.7 µF
IO = 1 mA
−20
−60
0
20
40
80
100
120
140
TPS76901-Q1, TPS76912-Q1, TPS76915-Q1
TPS76918-Q1, TPS76925-Q1, TPS76927-Q1
TPS76928-Q1, TPS76930-Q1, TPS76933-Q1, TPS76950-Q1
www.ti.com
SGLS118C – DECEMBER 2001 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS (continued)
SPACE
SPACE
SPACE
SPACE
TPS76925-Q1 OUTPUT VOLTAGE
TPS76933-Q1 OUTPUT VOLTAGE
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
SPACE
SPACE
SPACE
SPACE
TPS76933-Q1 GROUND CURRENT
TPS76933-Q1 OUTPUT SPECTRAL NOISE DENSITY
vs
vs
FREE-AIR TEMPERATURE
FREQUENCY
Figure 7.
Figure 8.
Copyright © 2001–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS76901-Q1 TPS76912-Q1 TPS76915-Q1 TPS76918-Q1 TPS76925-Q1 TPS76927-Q1
TPS76928-Q1 TPS76930-Q1 TPS76933-Q1 TPS76950-Q1


Similar Part No. - TPS76927-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76927-Q1 TI-TPS76927-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76927-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com