Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-EL3B-VWLDD Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EL3B-VWLDD
Description  New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL3B-VWLDD Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-EL3B-VWLDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-VWLDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-VWLDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-VWLDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-VWLDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-VWLDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-VWLDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-VWLDD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-VWLDD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DISCLAIMER: AVAGO’S PRODUCTS AND SOFTWARE ARE NOT SPECIFICALLY DESIGNED, MANUFACTURED OR AUTHORIZED FOR SALE
AS PARTS, COMPONENTS OR ASSEMBLIES FOR THE PLANNING, CONSTRUCTION, MAINTENANCE OR DIRECT OPERATION OF A NUCLEAR
FACILITY OR FOR USE IN MEDICAL DEVICES OR APPLICATIONS. CUSTOMER IS SOLELY RESPONSIBLE, AND WAIVES ALL RIGHTS TO MAKE
CLAIMS AGAINST AVAGO OR ITS SUPPLIERS, FOR ALL LOSS, DAMAGE, EXPENSE OR LIABILITY IN CONNECTION WITH SUCH USE.
(1P) Item: Part Number
(1T) Lot: Lot Number
LPN:
(9D)MFG Date: Manufacturing Date
(P) Customer Item:
(V) Vendor ID:
DeptID:
Made In: Country of Origin
(Q) QTY: Quantity
CAT: Intensity Bin
BIN: Refer to below information
(9D) Date Code: Date Code
STANDARD LABEL LS0002
RoHS Compliant
e3
max temp 260C
(1P) PART #: Part Number
(1T) LOT #: Lot Number
(9D)MFG DATE: Manufacturing Date
C/O: Country of Origin
Customer P/N:
Supplier Code:
QUANTITY: Packing Quantity
CAT: Intensity Bin
BIN: Refer to below information
DATECODE: Date Code
RoHS Compliant
e3
max temp 260C
Lamps Baby Label
(ii) Avago Baby Label (Only available on bulk packaging)
Acronyms and Definition:
BIN:
(i) Color bin only or VF bin only
(Applicable for part number with color bins but
without VF bin OR part number with VF bins and no
color bin)
OR
(ii) Color bin incorporated with VF Bin
(Applicable for part number that have both color
bin and VF bin)
Example:
(i) Color bin only or VF bin only
BIN: 2 (represent color bin 2 only)
BIN: VB (represent VF bin “VB” only)
(ii) Color bin incorporate with VF Bin
BIN: 2VB
VB: VF bin “VB”
2: Color bin 2 only
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2008 Avago Technologies. All rights reserved.
AV02-1687EN - December 12, 2008


Similar Part No. - HLMP-EL3B-VWLDD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL3B-WXKDV AVAGO-HLMP-EL3B-WXKDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
logo
Broadcom Corporation.
HLMP-EL3B-WXKXX BOARDCOM-HLMP-EL3B-WXKXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL3B-WXLDD BOARDCOM-HLMP-EL3B-WXLDD Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL3B-WXLDV AVAGO-HLMP-EL3B-WXLDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
More results

Similar Description - HLMP-EL3B-VWLDD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL12-VY0DD AVAGO-HLMP-EL12-VY0DD Datasheet
462Kb / 11P
   T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL1A-Z1KDV AVAGO-HLMP-EL1A-Z1KDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-544UG UOT-MVL-544UG Datasheet
35Kb / 2P
   T-1 3/4 ( f 5mm) HIGH POWER AlInGaP LED LAMPs
MVL-5A4UYL UOT-MVL-5A4UYL Datasheet
38Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
logo
Visual Communications C...
4304H6 VCC-4304H6 Datasheet
58Kb / 1P
   Solid State LED Lamps-High Brightness T-1 3/4 (5mm)
logo
Unity Opto Technology
MVL-5A4SO UOT-MVL-5A4SO Datasheet
39Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com