Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC28F00AP30TFA Datasheet(PDF) 6 Page - Micron Technology

Part # PC28F00AP30TFA
Description  Numonyx짰 Axcell??P30-65nm Flash Memory 512-Mbit, 1-Gbit , 2-Gbit
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

PC28F00AP30TFA Datasheet(HTML) 6 Page - Micron Technology

Back Button PC28F00AP30TFA Datasheet HTML 2Page - Micron Technology PC28F00AP30TFA Datasheet HTML 3Page - Micron Technology PC28F00AP30TFA Datasheet HTML 4Page - Micron Technology PC28F00AP30TFA Datasheet HTML 5Page - Micron Technology PC28F00AP30TFA Datasheet HTML 6Page - Micron Technology PC28F00AP30TFA Datasheet HTML 7Page - Micron Technology PC28F00AP30TFA Datasheet HTML 8Page - Micron Technology PC28F00AP30TFA Datasheet HTML 9Page - Micron Technology PC28F00AP30TFA Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
6
Order Number: 208042-0
6
1.3
Virtual Chip Enable Description (2-Gbit)
The P30-65nm device employs a Virtual Chip Enable to combine two 1-Gbit dies with a
common chip enable, CE#, for Easy BGA packages. Address A27 is then used to select
between the die pair with CE# asserted. When chip enable is asserted and A27 is low
(VIL), the lower flash die is selected; when chip enable is asserted and A27 is high (VIH),
the upper flash die is selected.
Table 1:
Flash Die Virtual Chip Enable Truth Table for 2-Gbit (1-Gbit/1-Gbit) Devices
Die Selected
CE#
A27
Lower Flash Die
L
L
Upper Flash Die
L
H


Similar Part No. - PC28F00AP30TFA

ManufacturerPart #DatasheetDescription
logo
Micron Technology
PC28F00AP30TF MICRON-PC28F00AP30TF Datasheet
1Mb / 92P
   Micron Parallel NOR Flash Embedded Memory (P30-65nm)
PC28F00AP30TF MICRON-PC28F00AP30TF Datasheet
1Mb / 92P
   Micron Parallel NOR Flash Embedded Memory (P30-65nm)
More results

Similar Description - PC28F00AP30TFA

ManufacturerPart #DatasheetDescription
logo
Micron Technology
JS28F640P30TF75A MICRON-JS28F640P30TF75A Datasheet
1Mb / 90P
   Numonyx짰 Axcell??P30-65nm Flash Memory
PC28F00BP30EFA MICRON-PC28F00BP30EFA Datasheet
11Mb / 86P
   Numonyx짰 Axcell??P30-65nm Flash Memory
JS28F128P30TF75A MICRON-JS28F128P30TF75A Datasheet
1Mb / 90P
   Numonyx Axcell P30-65nm Flash Memory
JS28F512P30TFA MICRON-JS28F512P30TFA Datasheet
11Mb / 86P
   Numonyx Axcell P30-65nm Flash Memory
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
logo
Elite Semiconductor Mem...
F50L2G41LB ESMT-F50L2G41LB Datasheet
1Mb / 50P
   3.3V 2 Gbit (2 x 1 Gbit) SPI-NAND Flash Memory
logo
Micron Technology
PC28F640P33BF60A MICRON-PC28F640P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
logo
Numonyx B.V
PC28F128P33BF60A NUMONYX-PC28F128P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
   1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com