Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S12DG128CFUER Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC9S12DG128CFUER
Description  8-bit and 4-bit ports with interrupt functionality
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12DG128CFUER Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC9S12DG128CFUER Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S12DG128CFUER Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S12DG128CFUER Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S12DG128CFUER Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S12DG128CFUER Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S12DG128CFUER Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S12DG128CFUER Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S12DG128CFUER Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S12DG128CFUER Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
MC9S12DT128B Device User Guide — V01.09
Section 7 Clock and Reset Generator (CRG) Block Description . . . . . . . . . 77
7.1
Device-specific information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .77
7.1.1
XCLKS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .77
Section 8 Enhanced Capture Timer (ECT) Block Description . . . . . . . . . . . . 77
Section 9 Analog to Digital Converter (ATD) Block Description. . . . . . . . . . 77
Section 10 Inter-IC Bus (IIC) Block Description . . . . . . . . . . . . . . . . . . . . . . . 77
Section 11 Serial Communications Interface (SCI) Block Description. . . . . 77
Section 12 Serial Peripheral Interface (SPI) Block Description . . . . . . . . . . 78
Section 13 J1850 (BDLC) Block Description. . . . . . . . . . . . . . . . . . . . . . . . . . 78
Section 14 Byteflight (BF) Block Description . . . . . . . . . . . . . . . . . . . . . . . . . 78
Section 15 Pulse Width Modulator (PWM) Block Description . . . . . . . . . . . . 78
Section 16 Flash EEPROM 128K Block Description . . . . . . . . . . . . . . . . . . . 78
Section 17 EEPROM 2K Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Section 18 RAM Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Section 19 MSCAN Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Section 20 Port Integration Module (PIM) Block Description . . . . . . . . . . . . 79
Section 21 Voltage Regulator (VREG) Block Description . . . . . . . . . . . . . . . 79
Section 22 Printed Circuit Board Layout Proposal . . . . . . . . . . . . . . . . . . . . 80
Appendix A Electrical Characteristics
A.1
General. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .85
A.1.1
Parameter Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .85
A.1.2
Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .85
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC9S12DG128CFUER

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12DG128 MOTOROLA-MC9S12DG128 Datasheet
2Mb / 138P
   MC9S12DT128 Device User Guide V02.09
MC9S12DG128 MOTOROLA-MC9S12DG128 Datasheet
373Kb / 14P
   16-Bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DG128 FREESCALE-MC9S12DG128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DG128 FREESCALE-MC9S12DG128 Datasheet
418Kb / 14P
   16-Bit Microcontroller
MC9S12DG128 FREESCALE-MC9S12DG128 Datasheet
1Mb / 140P
   Device User Guide
More results

Similar Description - MC9S12DG128CFUER

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
ON Semiconductor
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
logo
NXP Semiconductors
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
logo
Intersil Corporation
CDP1872C INTERSIL-CDP1872C Datasheet
32Kb / 6P
   High-Speed 8-Bit Input and Output Ports
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com