Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPAL15SM60 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FPAL15SM60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPAL15SM60 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FPAL15SM60 Datasheet HTML 6Page - Fairchild Semiconductor FPAL15SM60 Datasheet HTML 7Page - Fairchild Semiconductor FPAL15SM60 Datasheet HTML 8Page - Fairchild Semiconductor FPAL15SM60 Datasheet HTML 9Page - Fairchild Semiconductor FPAL15SM60 Datasheet HTML 10Page - Fairchild Semiconductor FPAL15SM60 Datasheet HTML 11Page - Fairchild Semiconductor FPAL15SM60 Datasheet HTML 12Page - Fairchild Semiconductor FPAL15SM60 Datasheet HTML 13Page - Fairchild Semiconductor FPAL15SM60 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, February 2002
Mechanical Characteristics and Ratings
Fig. 9. Flatness Measurement Position of The Ceramic Substrate
Note
6. Do not make over torque or mounting screws. Much mounting torque may cause ceramic cracks and bolts and Al heat-fin destruction.
7. Avoid one side tightening stress. Fig.10 shows the recommended torque order for mounting screws. Uneven mounting can cause the SPM ceramic substrate to
be damaged.
Fig. 10. Mounting Screws Torque Order (1
→ 2 →
→ 3 →
→ 4)
Item
Condition
Limits
Units
Min.
Typ.
Max.
Mounting Torque
Mounting Screw: M3
(Note 6 and 7)
Recommended 10Kg•cm
8
10
12
Kg•cm
Recommended 0.98N•m
0.78
0.98
1.17
N•m
Ceramic Flatness
(Note Fig. 9)
0
-
+100
um
Weight
-56
-
g
4
1
2
2
2
2
3
4
1
2
2
2
2
3


Similar Part No. - FPAL15SM60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPAL15SH60 FAIRCHILD-FPAL15SH60 Datasheet
355Kb / 17P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
More results

Similar Description - FPAL15SM60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com