Electronic Components Datasheet Search |
|
MPC5534MVF66 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc |
|
MPC5534MVF66 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc |
5 / 60 page Electrical Characteristics MPC5534 Microcontroller Data Sheet, Rev. 6 Freescale Semiconductor 5 3.2 Thermal Characteristics The shaded rows in the following table indicate information specific to a four-layer board. 28 Maximum solder temperature 11 Lead free (Pb-free) Leaded (SnPb) TSDR — — 260.0 245.0 oC 29 Moisture sensitivity level 12 MSL — 3 1 Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress ratings only, and functional operation at the maxima is not guaranteed. Stress beyond any of the listed maxima can affect device reliability or cause permanent damage to the device. 2 1.5 V ± 10% for proper operation. This parameter is specified at a maximum junction temperature of 150 oC. 3 All functional non-supply I/O pins are clamped to V SS and VDDE, or VDDEH. 4 AC signal overshoot and undershoot of up to ± 2.0 V of the input voltages is permitted for an accumulative duration of 60 hours over the complete lifetime of the device (injection current not limited for this duration). 5 Internal structures hold the voltage greater than –1.0 V if the injection current limit of 2 mA is met. Keep the negative DC voltage greater than –0.6 V on SINB during the internal power-on reset (POR) state. 6 Internal structures hold the input voltage less than the maximum voltage on all pads powered by V DDEH supplies, if the maximum injection current specification is met (2 mA for all pins) and VDDEH is within the operating voltage specifications. 7 Internal structures hold the input voltage less than the maximum voltage on all pads powered by V DDE supplies, if the maximum injection current specification is met (2 mA for all pins) and VDDE is within the operating voltage specifications. 8 Total injection current for all pins (including both digital and analog) must not exceed 25 mA. 9 Total injection current for all analog input pins must not exceed 15 mA. 10 Lifetime operation at these specification limits is not guaranteed. 11 Moisture sensitivity profile per IPC/JEDEC J-STD-020D. 12 Moisture sensitivity per JEDEC test method A112. Table 3. MPC5534 Thermal Characteristic Spec MPC5534 Thermal Characteristic Symbol Package Unit 208 MAPBGA 324 PBGA 1 Junction to ambient 1, 2, natural convection (one-layer board) 1 Junction temperature is a function of: on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient temperature, air flow, power dissipation of other board components, and board thermal resistance. 2 Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board in a horizontal position. RJA 42 34 °C/W 2 Junction to ambient 1, 3, natural convection (four-layer board 2s2p) 3 Per JEDEC JESD51-6 with the board in a horizontal position. RJA 26 23 °C/W 3 Junction to ambient (@200 ft./min., one-layer board) RJMA 34 28 °C/W 4 Junction to ambient (@200 ft./min., four-layer board 2s2p) RJMA 22 20 °C/W 5 Junction to board 4 (four-layer board 2s2p) 4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top surface of the board near the package. RJB 15 15 °C/W 6 Junction to case 5 5 Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature. RJC 810 °C/W 7 Junction to package top 6, natural convection JT 22 °C/W Table 2. Absolute Maximum Ratings 1 (continued) Spec Characteristic Symbol Min. Max. Unit |
Similar Part No. - MPC5534MVF66 |
|
Similar Description - MPC5534MVF66 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |