Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC28F128J3F75A Datasheet(PDF) 4 Page - Micron Technology

Part # PC28F128J3F75A
Description  Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

PC28F128J3F75A Datasheet(HTML) 4 Page - Micron Technology

  PC28F128J3F75A Datasheet HTML 1Page - Micron Technology PC28F128J3F75A Datasheet HTML 2Page - Micron Technology PC28F128J3F75A Datasheet HTML 3Page - Micron Technology PC28F128J3F75A Datasheet HTML 4Page - Micron Technology PC28F128J3F75A Datasheet HTML 5Page - Micron Technology PC28F128J3F75A Datasheet HTML 6Page - Micron Technology PC28F128J3F75A Datasheet HTML 7Page - Micron Technology PC28F128J3F75A Datasheet HTML 8Page - Micron Technology PC28F128J3F75A Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
Jan 2011
4
208032-03
9.3.1
Single-Word/Byte Programming................................................................36
9.3.2
Buffered Programming ............................................................................37
9.4
Block Erase Operations.......................................................................................38
9.5
Blank Check......................................................................................................39
9.6
Suspend and Resume .........................................................................................39
9.7
Status Signal ....................................................................................................41
9.8
Security and Protection.......................................................................................42
9.8.1
Normal Block Locking ..............................................................................42
9.8.2
Configurable Block Locking.......................................................................43
9.8.3
Password Access.....................................................................................43
9.8.4
128-bit OTP Protection Register ................................................................43
9.8.5
Reading the 128-bit OTP Protection Register...............................................43
9.8.6
Programming the 128-bit OTP Protection Register .......................................43
9.8.7
Locking the 128-bit OTP Protection Register ...............................................44
9.8.8
VPEN Protection......................................................................................45
10.0 ID Codes ..................................................................................................................46
11.0 Device Command Codes ...........................................................................................47
12.0 Flow Charts..............................................................................................................48
13.0 Common Flash Interface ..........................................................................................57
13.1 Query Structure Output ......................................................................................57
13.2 Query Structure Overview...................................................................................58
13.3 Block Status Register .........................................................................................59
13.4 CFI Query Identification String ............................................................................59
13.5 System Interface Information..............................................................................60
13.6 Device Geometry Definition.................................................................................60
13.7 Primary-Vendor Specific Extended Query Table ......................................................61
A
Additional Information.............................................................................................64
B
Ordering Information...............................................................................................65


Similar Part No. - PC28F128J3F75A

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
PC28F128J3F75 NUMONYX-PC28F128J3F75 Datasheet
776Kb / 67P
   Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
More results

Similar Description - PC28F128J3F75A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
RC28F128J3F75A MICRON-RC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
JS28F640J3F75A MICRON-JS28F640J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
logo
Numonyx B.V
JS28F320J3F75A NUMONYX-JS28F320J3F75A Datasheet
703Kb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
JS28F320J3F75 NUMONYX-JS28F320J3F75 Datasheet
776Kb / 67P
   Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
PC28F640P33BF60D NUMONYX-PC28F640P33BF60D Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
logo
Micron Technology
JS28F128P33BF70 MICRON-JS28F128P33BF70 Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
RC28F640P33TF60A MICRON-RC28F640P33TF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
PC28F640P33BF60A MICRON-PC28F640P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
logo
Numonyx B.V
PC28F128P33BF60A NUMONYX-PC28F128P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
logo
Micron Technology
JS28F640P30TF75A MICRON-JS28F640P30TF75A Datasheet
1Mb / 90P
   Numonyx짰 Axcell??P30-65nm Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com