Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU52012NVX-TR Datasheet(PDF) 11 Page - Rohm

Part # BU52012NVX-TR
Description  Unipolar Detection Hall ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52012NVX-TR Datasheet(HTML) 11 Page - Rohm

Back Button BU52012NVX-TR Datasheet HTML 7Page - Rohm BU52012NVX-TR Datasheet HTML 8Page - Rohm BU52012NVX-TR Datasheet HTML 9Page - Rohm BU52012NVX-TR Datasheet HTML 10Page - Rohm BU52012NVX-TR Datasheet HTML 11Page - Rohm BU52012NVX-TR Datasheet HTML 12Page - Rohm BU52012NVX-TR Datasheet HTML 13Page - Rohm BU52012NVX-TR Datasheet HTML 14Page - Rohm BU52012NVX-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
BU52002GUL,BU52003GUL,BU52012NVX,BU52012HFV,BU52013HFV
Technical Note
11/19
www.rohm.com
2010.08 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Block Diagram
BU52002GUL, BU52003GUL
PIN No.
PIN NAME
FUNCTION
COMMENT
A1
VDD
POWER SUPPLY
A2
GND
GROUND
B1
OUT
OUTPUT
B2
N.C.
OPEN or Short to GND.
BU52012NVX
PIN No.
PIN NAME
FUNCTION
COMMENT
1
OUT
OUTPUT
2
GND
GROUND
3
N.C.
OPEN or Short to GND.
4
VDD
POWER SUPPLY
Fig.36
OUT
GND
VDD
TIMING LOGIC
×
HALL
ELEMENT
A2
B1
A1
0.1µF
A1
B2
B1
A2
Reverse
A2
B2
B1
A1
Surface
The CMOS output terminals enable direct connection to
the PC, with no external pull-up resistor required.
Adjust the bypass capacitor value as
necessary, according to voltage noise
conditions, etc.
Reverse
Surface
1
2
4
3
3
4
2
1
2
Fig.37
OUT
GND
VDD
TIMING LOGIC
×
HALL
ELEMENT
1
4
0.1µF
The CMOS output terminals enable direct
connection to the PC, with no external pull-up
resistor required.
Adjust the bypass capacitor value as
necessary, according to voltage
noise conditions, etc.


Similar Part No. - BU52012NVX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52012NVX ROHM-BU52012NVX Datasheet
116Kb / 5P
   Hall effect Switch
BU52012NVX ROHM-BU52012NVX Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012NVX ROHM-BU52012NVX Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results

Similar Description - BU52012NVX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52002GUL ROHM-BU52002GUL_10 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BU52002GUL_1008 ROHM-BU52002GUL_1008 Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
logo
Seiko Instruments Inc
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com