Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5330 Datasheet(PDF) 3 Page - Rohm

Part # BD5330
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5330 Datasheet(HTML) 3 Page - Rohm

  BD5330 Datasheet HTML 1Page - Rohm BD5330 Datasheet HTML 2Page - Rohm BD5330 Datasheet HTML 3Page - Rohm BD5330 Datasheet HTML 4Page - Rohm BD5330 Datasheet HTML 5Page - Rohm BD5330 Datasheet HTML 6Page - Rohm BD5330 Datasheet HTML 7Page - Rohm BD5330 Datasheet HTML 8Page - Rohm BD5330 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Datasheet
3/13
BD52xx series
BD53xx series
TSZ02201-0R7R0G300040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
www.rohm.com
TSZ22111
15
001
Lineup
Output Type
Open Drain
CMOS
Detection Voltage Marking
Part Number
Marking
Part Number
6.0V
PW
BD5260
RW
BD5360
5.9V
PV
BD5259
RV
BD5359
5.8V
PU
BD5258
RU
BD5358
5.7V
PT
BD5257
RT
BD5357
5.6V
PS
BD5256
RS
BD5356
5.5V
PR
BD5255
RR
BD5355
5.4V
PQ
BD5254
RQ
BD5354
5.3V
PP
BD5253
RP
BD5353
5.2V
PN
BD5252
RN
BD5352
5.1V
PM
BD5251
RM
BD5351
5.0V
PL
BD5250
RL
BD5350
4.9V
PK
BD5249
RK
BD5349
4.8V
PJ
BD5248
RJ
BD5348
4.7V
PH
BD5247
RH
BD5347
4.6V
PG
BD5246
RG
BD5346
4.5V
PF
BD5245
RF
BD5345
4.4V
PE
BD5244
RE
BD5344
4.3V
PD
BD5243
RD
BD5343
4.2V
PC
BD5242
RC
BD5342
4.1V
PB
BD5241
RB
BD5341
4.0V
PA
BD5240
RA
BD5340
3.9V
MV
BD5239
QV
BD5339
3.8V
MU
BD5238
QU
BD5338
3.7V
MT
BD5237
QT
BD5337
3.6V
MS
BD5236
QS
BD5336
3.5V
MR
BD5235
QR
BD5335
3.4V
MQ
BD5234
QQ
BD5334
3.3V
MP
BD5233
QP
BD5333
3.2V
MN
BD5232
QN
BD5332
3.1V
MM
BD5231
QM
BD5331
3.0V
ML
BD5230
QL
BD5330
2.9V
MK
BD5229
QK
BD5329
2.8V
MJ
BD5228
QJ
BD5328
2.7V
MH
BD5227
QH
BD5327
2.6V
MG
BD5226
QG
BD5326
2.5V
MF
BD5225
QF
BD5325
2.4V
ME
BD5224
QE
BD5324
2.3V
MD
BD5223
QD
BD5323


Similar Part No. - BD5330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD5330 ETC-BD5330 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD5330 ROHM-BD5330 Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
logo
List of Unclassifed Man...
BD5330 ETC1-BD5330 Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD5330 ROHM-BD5330 Datasheet
410Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5330 ROHM-BD5330 Datasheet
277Kb / 10P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5330

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com