Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPAKMC332AMFC16 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # SPAKMC332AMFC16
Description  32-Bit Modular Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPAKMC332AMFC16 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  SPAKMC332AMFC16 Datasheet HTML 1Page - Freescale Semiconductor, Inc SPAKMC332AMFC16 Datasheet HTML 2Page - Freescale Semiconductor, Inc SPAKMC332AMFC16 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPAKMC332AMFC16 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPAKMC332AMFC16 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPAKMC332AMFC16 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPAKMC332AMFC16 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPAKMC332AMFC16 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPAKMC332AMFC16 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
Order this document
by MC68332TS/D Rev. 2
© MOTOROLA INC., 1993, 1996
This document contains information on a new product. Specifications and information herein are subject to change without notice.
MC68332
Technical Summary
32-Bit Modular Microcontroller
1 Introduction
The MC68332, a highly-integrated 32-bit microcontroller, combines high-performance data manipula-
tion capabilities with powerful peripheral subsystems. The MCU is built up from standard modules that
interface through a common intermodule bus (IMB). Standardization facilitates rapid development of
devices tailored for specific applications.
The MCU incorporates a 32-bit CPU (CPU32), a system integration module (SIM), a time processor unit
(TPU), a queued serial module (QSM), and a 2-Kbyte static RAM module with TPU emulation capability
(TPURAM).
The MCU can either synthesize an internal clock signal from an external reference or use an external
clock input directly. Operation with a 32.768-kHz reference frequency is standard. The maximum sys-
tem clock speed is 20.97 MHz. System hardware and software allow changes in clock rate during op-
eration. Because MCU operation is fully static, register and memory contents are not affected by clock
rate changes.
High-density complementary metal-oxide semiconductor (HCMOS) architecture makes the basic power
consumption of the MCU low. Power consumption can be minimized by stopping the system clock. The
CPU32 instruction set includes a low-power stop (LPSTOP) command that efficiently implements this
capability.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - SPAKMC332AMFC16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SPAKMC332AMFC16 MOTOROLA-SPAKMC332AMFC16 Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
SPAKMC332AMFC16 FREESCALE-SPAKMC332AMFC16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332AMFC16 FREESCALE-SPAKMC332AMFC16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332AMFC16 FREESCALE-SPAKMC332AMFC16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332AMFC16 FREESCALE-SPAKMC332AMFC16 Datasheet
343Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
More results

Similar Description - SPAKMC332AMFC16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68332ACEH16 FREESCALE-MC68332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68F333 NXP-MC68F333 Datasheet
447Kb / 16P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68LK332ACEH16 FREESCALE-MC68LK332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68332 NXP-MC68332 Datasheet
855Kb / 88P
   32-Bit Modular Microcontroller
Rev. 2
MC68CK338 NXP-MC68CK338 Datasheet
1Mb / 133P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68331TS FREESCALE-MC68331TS Datasheet
616Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68332TS MOTOROLA-MC68332TS Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com