Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM0603GC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SM0603GC
Description  SURFACE MOUNT LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SM0603GC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM0603GC Datasheet HTML 1Page - List of Unclassifed Manufacturers SM0603GC Datasheet HTML 2Page - List of Unclassifed Manufacturers SM0603GC Datasheet HTML 3Page - List of Unclassifed Manufacturers SM0603GC Datasheet HTML 4Page - List of Unclassifed Manufacturers SM0603GC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 03/09
Page 1 of 5
Part Number
Material
Emitted Color
Peak
Wavelength
λp(nm) TYP.
Luminous
Intensity
(mcd) TYP.
Viewing Angle
SM0603GC
AlGaInP
GREEN
568
15
130°
Lens
Appearance
Water Clear
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
RoHS Compliant
Moisture
Sensitivity
Level 4
Outline Dimensions
SM0603GC
Industry Standard 0603 Package
RoHS Compliant
Small Package and Footprint
Water Clear Lens
Wide Viewing Angle
Ideal for Status Indication, Display, and Backlighting
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
SURFACE MOUNT LED
GREEN, 0603 PACKAGE
Bivar Surface Mount 0603 package LED may be used in nearly any lighting or indication application.
The miniature package is ideal for small scale applications such as general indication and backlighting.
Low power consumption and excellent long life reliability are suitable for battery powered equipment.
Bivar offers water clear LED lens for maximum luminous intensity. Wide variety of wavelength and in-
tensity combinations are available to meet any illumination need. The SM0603 LED is packaged in
standard tape and reels for pick and place assemblies.


Similar Part No. - SM0603GC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SM0603GC BIVAR-SM0603GC Datasheet
498Kb / 5P
   SURFACE MOUNT LED GREEN, 0603 PACKAGE
Revision A 03/09
SM0603GCL BIVAR-SM0603GCL Datasheet
489Kb / 5P
   SURFACE MOUNT LED GREEN, 0603 PACKAGE, 2mA
Revision A 05/11
More results

Similar Description - SM0603GC

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
   SURFACE MOUNT LED MOUNT
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
   Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
   Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
   Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
   Surface Mount LED
logo
Visual Communications C...
CMDA2 VCC-CMDA2 Datasheet
571Kb / 1P
   Surface Mount LED
logo
Seoul Semiconductor
KWT803-S SEOUL-KWT803-S Datasheet
649Kb / 14P
   surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
   surface-mount LED
USBT801 SEOUL-USBT801 Datasheet
490Kb / 12P
   surface-mount LED
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
   surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
   surface-mount LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com