Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1631AEAI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1631AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1631AEAI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1631AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 13Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 14Page - Maxim Integrated Products MAX1631AEAI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
______________________________________________________________________________________
11
LPF
60kHz
REF
1.75V
2.68V
2.388V
R3
R4
-
+
+
-
4.5V
REF
2.5V
REF
200kHz
TO
300kHz
OSC
5V
PWM
LOGIC
5V
LINEAR
REG
VL
BST3
DH3
LX3
DL3
+3.3V
VL
ON/OFF
INPUT
+5V ALWAYS ON
CSL5
SHDN
V+
SYNC
12V
LINEAR
REG
+12V
13V
BST5
RAW +15V
DH5
DL5
VL
PGND
CSH5
CSL5
CSH3
CSL3
FB5
RESET
SEQ
2.6V
1V
0.6V
0.6V
VL
GND
RUN/ON3
TIME/ON5
REF
LX5
+5V
12OUT
VDD
IN
SECFB
3.3V
PWM
LOGIC
REF
OUTPUTS
UP
-
+
-
+
+
LPF
60kHz
TIMER
POWER-ON
SEQUENCE
LOGIC
R1
R2
FB3
+
-
MAX1632A
OV/UV
FAULT
Figure 2. MAX1632A Block Diagram


Similar Part No. - MAX1631AEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1631A MAXIM-MAX1631A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
More results

Similar Description - MAX1631AEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1901 MAXIM-MAX1901 Datasheet
649Kb / 33P
   500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 3; 12/03
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com