Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2681 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2681
Description  400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2681 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2681 Datasheet HTML 2Page - Maxim Integrated Products MAX2681 Datasheet HTML 3Page - Maxim Integrated Products MAX2681 Datasheet HTML 4Page - Maxim Integrated Products MAX2681 Datasheet HTML 5Page - Maxim Integrated Products MAX2681 Datasheet HTML 6Page - Maxim Integrated Products MAX2681 Datasheet HTML 7Page - Maxim Integrated Products MAX2681 Datasheet HTML 8Page - Maxim Integrated Products MAX2681 Datasheet HTML 9Page - Maxim Integrated Products MAX2681 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
400MHz to 2.5GHz, Low-Noise,
SiGe Downconverter Mixers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Typical Operating Circuit, VCC = SHDN = +3.0V, PRFIN = -25dBm, PLO = -5dBm, TA = +25°C, unless otherwise noted.)
-10
-8
-9
-7
-6
-5
-14
-10
-8
-12
-6
-4
-2
0
MAX2680
INPUT IP3 vs. LO POWER
LO POWER (dBm)
fRF = 1950MHz, 1951MHz
fLO = 1880MHz
fIF = 70MHz
PRFIN = -25dBm PER TONE
-3
-1
-2
0
1
2
-14
-10
-8
-12
-6
-4
-2
0
MAX2681
INPUT IP3 vs. LO POWER
LO POWER (dBm)
fRF = 1950MHz, 1951MHz
fLO = 1880MHz
fIF = 70MHz
PRFIN = -25dBm PER TONE
0
3
2
4
1
5
6
7
-14
-10
-8
-12
-6
-4
-2
0
MAX2682
INPUT IP3 vs. LO POWER
LO POWER (dBm)
fRF = 1950MHz, 1951MHz
fLO = 1880MHz
fIF = 70MHz
PRFIN = -25dBm PER TONE
0
6
4
10
8
2
12
14
16
-14
-10
-8
-12
-6
-4
-2
0
MAX2680
NOISE FIGURE vs. LO POWER
LO POWER (dBm)
fRF = 900MHz
fRF = 1950MHz
fRF = 2450MHz
fRF
900MHz
1950MHz
2450MHz
fLO
970MHz
2020MHz
2210MHz
fIF
70MHz
70MHz
70MHz
0
150
100
50
200
250
300
0
1000
500
1500
2000
2500
MAX2680
RF PORT IMPEDANCE vs. RF FREQUENCY
MAX2680/1/2-19
RF FREQUENCY (MHz)
-600
-300
-400
-500
-200
-100
0
IMAGINARY
REAL
fLO = 970MHz
PLO = -5dBm
0
8
6
14
12
10
2
4
16
18
20
-14
-10
-8
-12
-6
-4
-2
0
MAX2681
NOISE FIGURE vs. LO POWER
LO POWER (dBm)
fRF = 900MHz
fRF = 1950MHz
fRF = 2450MHz
fRF
900MHz
1950MHz
2450MHz
fLO
970MHz
2020MHz
2210MHz
fIF
70MHz
70MHz
70MHz
0
10
5
15
20
25
-14
-10
-8
-12
-6
-4
-2
0
MAX2682
NOISE FIGURE vs. LO POWER
LO POWER (dBm)
fRF = 900MHz
fRF = 1950MHz
fRF = 2450MHz
fRF
900MHz
1950MHz
2450MHz
fLO
970MHz
2020MHz
2210MHz
fIF
70MHz
70MHz
70MHz
0
150
100
50
200
250
300
0
500
1000
1500
2000
2500
MAX2681
RF PORT IMPEDANCE vs. RF FREQUENCY
MAX2680/1/2-20
RF FREQUENCY (MHz)
IMAGINARY
REAL
fLO = 970MHz
PLO = -5dBm
-600
-300
-400
-500
-200
-100
0
0
150
100
50
200
250
300
0
1000
500
1500
2000
2500
MAX2682
RF PORT IMPEDANCE vs. RF FREQUENCY
MAX2680/1/2-21
RF FREQUENCY (MHz)
-600
-300
-400
-500
-200
-100
0
IMAGINARY
REAL
fLO = 970MHz
PLO = -5dBm


Similar Part No. - MAX2681

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2681 MAXIM-MAX2681 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2681 MAXIM-MAX2681 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2681 MAXIM-MAX2681 Datasheet
135Kb / 4P
   Easy Evaluation of All Device Functions
Rev 1; 11/98
MAX2681EUT-T MAXIM-MAX2681EUT-T Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2681EUT-T MAXIM-MAX2681EUT-T Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
More results

Similar Description - MAX2681

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2680 MAXIM-MAX2680_03 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680 MAXIM-MAX2680 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2660 MAXIM-MAX2660 Datasheet
234Kb / 16P
   400MHz to 2.5GHz Upconverter Mixers
19-1382; Rev 1; 9/99
MAX2690 MAXIM-MAX2690 Datasheet
99Kb / 10P
   Low-Noise, 2.5GHz Downconverter Mixer
19-1282; Rev 0; 10/97
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
MAX2640-MAX2641 MAXIM-MAX2640-MAX2641 Datasheet
110Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 1; 2/99
logo
Tyco Electronics
MD59-0044 MACOM-MD59-0044 Datasheet
321Kb / 11P
   Wideband Downconverter 0.7-2.5GHz
logo
Intersil Corporation
HFA3424 INTERSIL-HFA3424 Datasheet
43Kb / 5P
   2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
logo
RF Micro Devices
RFLA1022 RFMD-RFLA1022 Datasheet
1Mb / 17P
   Low Noise, High Linearity Amplifier 400MHz to 1500MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com