Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPAKMC332VFV20 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # SPAKMC332VFV20
Description  32-Bit Modular Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPAKMC332VFV20 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  SPAKMC332VFV20 Datasheet HTML 1Page - Freescale Semiconductor, Inc SPAKMC332VFV20 Datasheet HTML 2Page - Freescale Semiconductor, Inc SPAKMC332VFV20 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPAKMC332VFV20 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPAKMC332VFV20 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPAKMC332VFV20 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPAKMC332VFV20 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPAKMC332VFV20 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPAKMC332VFV20 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
MC68332
MOTOROLA
MC68332TS/D
3
144-Pin QFP
Motion Control
–40 to +85
°C
16 MHz
2 pc tray
SPAKMC332GCFV16
44 pc tray
MC68332GCFVV16
20 MHz
2 pc tray
SPAKMC332GCFV20
44 pc tray
MC68332GCFV20
–40 to +105
°C
16 MHz
2 pc tray
SPAKMC332GVFV16
44 pc tray
MC68332GVFV16
20 MHz
2 pc tray
SPAKMC332GVFV20
44 pc tray
MC68332GVFV20
–40 to +125
°C
16 MHz
2 pc tray
SPAKMC332GMFV16
44 pc tray
MC68332GMFV16
20 MHz
2 pc tray
SPAKMC332GMFV20
44 pc tray
MC68332GMFVV20
Standard
–40 to +85
°C
16 MHz
2 pc tray
SPAKMC332CFV16
44 pc tray
MC68332CFV16
20 MHz
2 pc tray
SPAKMC332CFVV20
44 pc tray
MC68332CFV20
–40 to +105
°C
16 MHz
2 pc tray
SPAKMC332VFV16
44 pc tray
MC68332VFV16
20 MHz
2 pc tray
SPAKMC332VFV20
44 pc tray
MC68332VFV20
–40 to +125
°C
16 MHz
2 pc tray
SPAKMC332MFV16
44 pc tray
MC68332MFV16
20 MHz
2 pc tray
SPAKMC332MFV20
44 pc tray
MC68332MFV20
Std w/enhanced
PPWA
–40 to +85
°C
16 MHz
2 pc tray
SPAKMC332ACFV16
44 pc tray
MC68332ACFV16
20 MHz
2 pc tray
SPAKMC332ACFV20
44 pc tray
MC68332ACFV20
–40 to +105
°C
16 MHz
2 pc tray
SPAKMC332AVFV16
44 pc tray
MC68332AVFV16
20 MHz
2 pc tray
SPAKMC332AVFC20
44 pc tray
MC68332AVFV20
–40 to +125
°C
16 MHz
2 pc tray
SPAKMC332AMFV16
44 pc tray
MC68332AMFV16
20 MHz
2 pc tray
SPAKMC332AMFV20
44 pc tray
MC68332AMFV20
Table 1 Ordering Information (Continued)
Package Type
TPU Type
Temperature
Frequency
(MHz)
Package
Order
Quantity
Order Number
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - SPAKMC332VFV20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SPAKMC332VFV20 MOTOROLA-SPAKMC332VFV20 Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
SPAKMC332VFV20 FREESCALE-SPAKMC332VFV20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332VFV20 FREESCALE-SPAKMC332VFV20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332VFV20 FREESCALE-SPAKMC332VFV20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332VFV20 FREESCALE-SPAKMC332VFV20 Datasheet
343Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
More results

Similar Description - SPAKMC332VFV20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68332ACEH16 FREESCALE-MC68332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68F333 NXP-MC68F333 Datasheet
447Kb / 16P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68LK332ACEH16 FREESCALE-MC68LK332ACEH16 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68332 NXP-MC68332 Datasheet
855Kb / 88P
   32-Bit Modular Microcontroller
Rev. 2
MC68CK338 NXP-MC68CK338 Datasheet
1Mb / 133P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68331TS FREESCALE-MC68331TS Datasheet
616Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68332TS MOTOROLA-MC68332TS Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com