Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR2K20M474X Datasheet(PDF) 3 Page - EPCOS

Part # SR2K20M474X
Description  Ceramic transient voltage suppressors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SR2K20M474X Datasheet(HTML) 3 Page - EPCOS

  SR2K20M474X Datasheet HTML 1Page - EPCOS SR2K20M474X Datasheet HTML 2Page - EPCOS SR2K20M474X Datasheet HTML 3Page - EPCOS SR2K20M474X Datasheet HTML 4Page - EPCOS SR2K20M474X Datasheet HTML 5Page - EPCOS SR2K20M474X Datasheet HTML 6Page - EPCOS SR2K20M474X Datasheet HTML 7Page - EPCOS SR2K20M474X Datasheet HTML 8Page - EPCOS SR2K20M474X Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Features
RFI noise suppression and transient overvoltage protection integrated in a
single component
Reliable protection against automotive transients such as load dump and
jump start (for SR1 and SR2 types)
High capacitance (up to 4.7 µF)
Low clamping voltage
RoHS-compatible
Suitable for lead-free soldering
PSpice simulation models available
Applications
RFI noise suppression and transient overvoltage protection on DC lines of
small motors, windscreen wipers, window lifters, mirrors, central locking,
memory seat, sunroof
Design
Combination of multilayer RF filter capacitor and multilayer varistor
Coating: flame-retardant to UL 94 V0, epoxy resin
Terminals: tinned iron wire, RoHS-compatible
V/I characteristics and derating curves
V/I and derating curves are attached to the data sheet. The curves are sorted
by VRMS and then by case size, which is included in the type designation.
General technical data
Maximum RMS operating voltage
VRMS,max
14 ... 35
V
Maximum DC operating voltage
VDC,max
16 ... 45
V
Maximum surge current
(8/20 µs)
Isurge,max
100 ... 1200
A
Maximum load dump energy
(10 pulses)
WLD
1.5 ... 12
J
Maximum jump start voltage
(5 min)
Vjump
24.5 ... 26
V
Maximum clamping voltage
(8/20 µs)
Vclamp,max
38 ... 90
V
Nominal capacitance
(1 kHz, 0.5 V)
Cnom
220 ... 4700
nF
Insulation resistance
Rins
≥ 10
M
Response time
tresp
< 25
ns
Operating temperature
Top
55/+125
°C
Storage temperature
LCT/UCT
55/+150
°C
Leaded transient voltage/RFI suppressors (SHCVs)
SHCV series
Page 3 of 29
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - SR2K20M474X

ManufacturerPart #DatasheetDescription
logo
EPCOS
SR2K20M474X EPCOS-SR2K20M474X Datasheet
102Kb / 4P
   Combination of a multilayer ceramic capacitor and a multilayer varistor, leaded
More results

Similar Description - SR2K20M474X

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com