Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTD123YKT146 Datasheet(PDF) 3 Page - Rohm

Part # DTD123YKT146
Description  DTD123YK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTD123YKT146 Datasheet(HTML) 3 Page - Rohm

  DTD123YKT146 Datasheet HTML 1Page - Rohm DTD123YKT146 Datasheet HTML 2Page - Rohm DTD123YKT146 Datasheet HTML 3Page - Rohm DTD123YKT146 Datasheet HTML 4Page - Rohm DTD123YKT146 Datasheet HTML 5Page - Rohm DTD123YKT146 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTD123YK
lElectrical characteristic curves(Ta = 25°C)
Fig.1 Input voltage vs. output current
(ON characteristics)
OUTPUT CURRENT : I
O [mA]
Fig.2 Output current vs. input voltage
(OFF characteristics)
INPUT VOLTAGE : V
I(off)[V]
Fig.3 Output current vs. output voltage
OUTPUT VOLTAGE : V
O [V]
Fig.4 DC current gain vs. output current
OUTPUT CURRENT : I
O [mA]
0
100
200
300
400
500
0
5
10
0A
1.0mA
1.5mA
2.0mA
2.5mA
I
I=
Ta=25ºC
3.0mA
3.5mA
4.0mA
4.5mA
5.0mA
0.5mA
3/5
2012.07 - Rev.D


Similar Part No. - DTD123YKT146

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD123YK ROHM-DTD123YK Datasheet
70Kb / 3P
   Digital transistors (built-in resistors)
DTD123YK ROHM-DTD123YK Datasheet
162Kb / 3P
   Digital transistors (built-in resistors)
DTD123YK ROHM-DTD123YK Datasheet
372Kb / 7P
   NPN 500mA 50V Digital Transistors
DTD123YKFRA ROHM-DTD123YKFRA Datasheet
1Mb / 8P
   500mA/50V Digital transistor (built-in resistors)
DTD123YK ROHM-DTD123YK_09 Datasheet
162Kb / 3P
   Digital transistors (built-in resistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com