Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6143AASA33 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6143AASA33
Description  High-Precision Voltage Reference with Temperature Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6143AASA33 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6143AASA33 Datasheet HTML 4Page - Maxim Integrated Products MAX6143AASA33 Datasheet HTML 5Page - Maxim Integrated Products MAX6143AASA33 Datasheet HTML 6Page - Maxim Integrated Products MAX6143AASA33 Datasheet HTML 7Page - Maxim Integrated Products MAX6143AASA33 Datasheet HTML 8Page - Maxim Integrated Products MAX6143AASA33 Datasheet HTML 9Page - Maxim Integrated Products MAX6143AASA33 Datasheet HTML 10Page - Maxim Integrated Products MAX6143AASA33 Datasheet HTML 11Page - Maxim Integrated Products MAX6143AASA33 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
High-Precision Voltage Reference with
Temperature Sensor
8
_______________________________________________________________________________________
2.498
2.500
2.499
2.501
2.502
OUTPUT VOLTAGE vs. TEMPERATURE
(VOUT = 2.5V)
TEMPERATURE (°C)
-50
25
50
-25
0
75
100
125
THREE TYPICAL PARTS
9.993
9.998
9.995
10.001
9.999
9.996
10.002
9.997
9.994
10.000
10.003
OUTPUT VOLTAGE vs. TEMPERATURE
(VOUT = 10V)
TEMPERATURE (°C)
-50
25
50
-25
0
75
100
125
THREE TYPICAL PARTS
0.50
0.25
0
-0.25
-0.50
015
510
20
25
30
LOAD REGULATION vs.
SOURCE CURRENT (VOUT = 2.5V)
SOURCE CURRENT (mA)
TA = -40°C
TA = +125°C
TA = +25°C
0.50
0.25
0
-0.25
-0.50
015
510
20
25
30
LOAD REGULATION
vs. SOURCE CURRENT (VOUT = 10V)
SOURCE CURRENT (mA)
TA = +25°C
TA = +125°C
TA = -40°C
1.00
0.75
0.50
0.25
-0.25
0
-0.50
0
1.0
0.5
1.5
2.0
LOAD REGULATION
vs. SINK CURRENT (VOUT = 2.5V)
SINK CURRENT (mA)
TA = +25°C
TA = +125°C
TA = -40°C
2.0
1.5
1.0
0.5
-0.5
0
-1.0
0
1.0
0.5
1.5
2.0
LOAD REGULATION
vs. SINK CURRENT (VOUT = 10V)
SINK CURRENT (mA)
TA = -40°C
TA = +125°C
TA = +25°C
0
60
20
40
80
100
LINE REGULATION vs. TEMPERATURE
(VOUT = 2.5V)
INPUT VOLTAGE (V)
020
25
510
15
303540
TA = -40°C
TA = +125°C
TA = +25°C
0
150
50
100
200
250
300
LINE REGULATION vs. TEMPERATURE
(VOUT = 10V)
INPUT VOLTAGE (V)
12
28
32
16
20
24
36
40
TA = -40°C
TA = +125°C
TA = +25°C
0.5
1.5
1.0
2.0
2.5
MINIMUM INPUT-OUTPUT DIFFERENTIAL
vs. SOURCE CURRENT (VOUT = 2.5V)
SOURCE CURRENT (mA)
012
16
48
20
TA = -40°C
TA = +125°C
TA = +25°C
Typical Operating Characteristics
(VIN = +5V for VOUT = +2.5V, VIN = +15V for VOUT = +10V, IOUT = 0, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6143AASA33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6143AASA33 MAXIM-MAX6143AASA33 Datasheet
953Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
More results

Similar Description - MAX6143AASA33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6173 MAXIM-MAX6173 Datasheet
419Kb / 15P
   High-Precision Voltage References with Temperature Sensor
Rev 0; 5/04
logo
RHOPOINT COMPONENTS
VRE120C RHOPOINT-VRE120C Datasheet
337Kb / 5P
   Precision High Temperature Reference Supplies
logo
List of Unclassifed Man...
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
   Precision High Temperature Reference Supplies
logo
Analog Devices
REF-02 AD-REF-02 Datasheet
337Kb / 8P
   5V Precision Voltage Reference/Temperature Trangsducer
REV. B
logo
Texas Instruments
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
[Old version datasheet]   High-Precision Voltage Reference
logo
Analog Technologies, In...
ATREF500 ANALOGTECHNOLOGIES-ATREF500 Datasheet
155Kb / 3P
   High Precision Voltage Reference
6/12/2021
logo
Analog Devices
AD588 AD-AD588 Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
REF02 AD-REF02_05 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com