Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7301ATL Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7301ATL
Description  4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7301ATL Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX7301ATL Datasheet HTML 5Page - Maxim Integrated Products MAX7301ATL Datasheet HTML 6Page - Maxim Integrated Products MAX7301ATL Datasheet HTML 7Page - Maxim Integrated Products MAX7301ATL Datasheet HTML 8Page - Maxim Integrated Products MAX7301ATL Datasheet HTML 9Page - Maxim Integrated Products MAX7301ATL Datasheet HTML 10Page - Maxim Integrated Products MAX7301ATL Datasheet HTML 11Page - Maxim Integrated Products MAX7301ATL Datasheet HTML 12Page - Maxim Integrated Products MAX7301ATL Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
External Component RISET
The MAX7301 uses an external resistor, RISET, to set
internal biasing. Use a resistor value of 39k
Ω.
Applications Information
Low-Voltage Operation
The MAX7301 operates down to 2V supply voltage
(although the sourcing and sinking currents are not
guaranteed), providing that the MAX7301 is powered
up initially to at least 2.5V to trigger the device’s internal
reset, and also that the serial interface is constrained to
10Mbps.
SPI Routing Considerations
The MAX7301’s SPI interface is guaranteed to operate
at 26Mbps on a 2.5V supply, and on a 5V supply typi-
cally operates at 50Mbps. This means that transmission
line issues should be considered when the interface
connections are longer than 100mm, particularly with
higher supply voltages. Ringing manifests itself as
communication issues, often intermittent, typically due
to double clocking due to ringing at the SCLK input. Fit
a 1k
Ω to 10kΩ parallel termination resistor to either
GND or V+ at the DIN, SCLK, and
CS input to damp
ringing for moderately long interface runs. Use line-
impedance matching terminations when making con-
nections between boards.
PC Board Layout Considerations
For the TQFN version, connect the underside exposed
pad to GND. Ensure that all the MAX7301 GND connec-
tions are used. A ground plane is not necessary, but
may be useful to reduce supply impedance if the
MAX7301 outputs are to be heavily loaded. Keep the
track length from the ISET pin to the RISET resistor as
short as possible, and take the GND end of the resistor
either to the ground plane or directly to the ground pins.
Power-Supply Considerations
The MAX7301 operates with power-supply voltages of
2.5V to 5.5V. Bypass the power supply to GND with a
0.047µF capacitor as close to the device as possible.
Add a 1µF capacitor if the MAX7301 is far away from
the board’s input bulk decoupling capacitor.
Chip Information
TRANSISTOR COUNT: 30,316
PROCESS: CMOS
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and
28-Port I/O Expander
_______________________________________________________________________________________
9
MICROCONTROLLER
SERIAL-DATA OUTPUT
SERIAL CS OUTPUT
SERIA-CLOCK OUTPUT
SERIAL-DATA INPUT
DIN
SCLK
CS
DOUT
DIN
SCLK
CS
DOUT
DIN
SCLK
CS
DOUT
MAX7301
MAX7301
MAX7301
Figure 3. Daisy-Chain Arrangement for Controlling Multiple MAX7301s
D15
= 0
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D15 = 0
CS
SCLK
DIN
DOUT
Figure 4. Transmission of a16-Bit Write to the MAX7301


Similar Part No. - MAX7301ATL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7301ATL++ MAXIM-MAX7301ATL+ Datasheet
281Kb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX7301ATL++ MAXIM-MAX7301ATL+ Datasheet
1Mb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V,20-Port and 28-Port I/O Expander
Rev 8; 4/15
MAX7301ATL++ MAXIM-MAX7301ATL+ Datasheet
1Mb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V 20-Port and 28-Port I/O Expander
19-2438; Rev 10; 8/20
More results

Similar Description - MAX7301ATL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7301 MAXIM-MAX7301_06 Datasheet
281Kb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX7301 MAXIM-MAX7301 Datasheet
1Mb / 18P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 3; 10/03
MAX7301 MAXIM-MAX7301_V01 Datasheet
1Mb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V 20-Port and 28-Port I/O Expander
19-2438; Rev 10; 8/20
MAX7301 MAXIM-MAX7301_15 Datasheet
1Mb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V,20-Port and 28-Port I/O Expander
Rev 8; 4/15
MAX7300 MAXIM-MAX7300_14 Datasheet
1Mb / 20P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 8; 5/14
MAX7300 MAXIM-MAX7300 Datasheet
348Kb / 22P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 1; 2/03
MAX7300 MAXIM-MAX7300_11 Datasheet
205Kb / 20P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
MAX6957 MAXIM-MAX6957_14 Datasheet
1Mb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Rev 5; 7/14
MAX6957 MAXIM-MAX6957 Datasheet
333Kb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com