Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6251-3G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6251-3G
Description  High Speed CAN-Transceiver with Wake and Failure Detection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6251-3G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6251-3G Datasheet HTML 5Page - Infineon Technologies AG TLE6251-3G Datasheet HTML 6Page - Infineon Technologies AG TLE6251-3G Datasheet HTML 7Page - Infineon Technologies AG TLE6251-3G Datasheet HTML 8Page - Infineon Technologies AG TLE6251-3G Datasheet HTML 9Page - Infineon Technologies AG TLE6251-3G Datasheet HTML 10Page - Infineon Technologies AG TLE6251-3G Datasheet HTML 11Page - Infineon Technologies AG TLE6251-3G Datasheet HTML 12Page - Infineon Technologies AG TLE6251-3G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
TLE6251-3G
Operation Modes
Data Sheet
9
Rev. 1.1, 2011-06-06
5
Operation Modes
Five different operation modes are available on TLE6251-3G. Each mode with specific characteristics in terms of
quiescent current, data transmission or failure diagnostic. For the mode selection the digital input pins EN and
NSTB are used. Both digital input pins are event triggered. Figure 4 illustrates the different mode changes
depending on the status of the EN and NSTB pins. A mode change via the mode selections pins EN and NSTB is
only possible if the power supplies
V
CC, VIO and VS are activated.
Figure 4
Operation Modes
Under-voltage
on VS
VS < VS,Poff
EN
NSTB
INH
Normal Operation
mode
On
1
1
EN
NSTB
INH
Stand-By
mode
On
0
0
EN
NSTB
INH
Receive Only
mode
On
1
0
EN
NSTB
INH
Sleep mode
Off
0
0
Go-To-Sleep
command
EN
NSTB
INH
0
1On
Power Down
Under-voltage
on VCC
Start – Up
Supply VS
Supply VCC within t < tUV(VCC)
Supply VIO within t < tUV(VIO)
Under-voltage
on VIO
EN -> 1
NSTB -> 1
EN -> 0
NSTB -> 0
EN = 1
NSTB -> 0
EN = 1
NSTB ->1
EN = 0
NSTB -> 0
EN = 0
NSTB -> 1
EN -> 0
NSTB = 1
EN -> 1
NSTB = 1
EN -> 1
NSTB -> 0
EN -> 0
NSTB -> 1
EN -> 1
NSTB = 0
EN -> 0
t < thSLP
NSTB = 0
EN -> 0
t > thSLP
NSTB = 0
thSLP
Timing important
for mode selection
EN = 0
NSTB -> 1
VCC & VIO ON
EN -> 1
NSTB -> 1
VCC & VIO ON
Wake-Up Event
Bus-Wake:
t > tBUSdom
Local-Wake:
t > tWake
VIO < VIO,UV
t > tUV(VIO)
VCC < VCC,UV
t > tUV(VCC)
VS > VS,Pon


Similar Part No. - TLE6251-3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6251-3G INFINEON-TLE6251-3G Datasheet
1Mb / 37P
   High Speed CAN Transceiver with Wake and Failure Detection
Rev. 1.21 2017-04-11
TLE6251-3G INFINEON-TLE6251-3G_17 Datasheet
1Mb / 37P
   High Speed CAN Transceiver with Wake and Failure Detection
Rev. 1.21 2017-04-11
More results

Similar Description - TLE6251-3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6251-2G INFINEON-TLE6251-2G_17 Datasheet
1Mb / 38P
   High Speed CAN Transceiver with Wake and Failure Detection
Rev. 1.22 2017-04-11
TLE6251-3G INFINEON-TLE6251-3G_17 Datasheet
1Mb / 37P
   High Speed CAN Transceiver with Wake and Failure Detection
Rev. 1.21 2017-04-11
TLE6251-2G INFINEON-TLE6251-2G Datasheet
1Mb / 35P
   High Speed CAN-Transceiver with Wake and Failure Detection
Rev. 1.0, 2009-05-07
TLE6251-2G INFINEON-TLE6251-2G_11 Datasheet
1Mb / 36P
   High Speed CAN-Transceiver with Wake and Failure Detection
Rev. 1.1, 2011-06-06
TLE6251G INFINEON-TLE6251G Datasheet
342Kb / 31P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.2, Apr. 2006
TLE6251G INFINEON-TLE6251G_08 Datasheet
1Mb / 32P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.3, June 2008
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
   High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
   High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com