Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNC1L-1A-REEL Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # VNC1L-1A-REEL
Description  Future Technology Devices International Ltd.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VNC1L-1A-REEL Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  VNC1L-1A-REEL Datasheet HTML 1Page - Future Technology Devices International Ltd. VNC1L-1A-REEL Datasheet HTML 2Page - Future Technology Devices International Ltd. VNC1L-1A-REEL Datasheet HTML 3Page - Future Technology Devices International Ltd. VNC1L-1A-REEL Datasheet HTML 4Page - Future Technology Devices International Ltd. VNC1L-1A-REEL Datasheet HTML 5Page - Future Technology Devices International Ltd. VNC1L-1A-REEL Datasheet HTML 6Page - Future Technology Devices International Ltd. VNC1L-1A-REEL Datasheet HTML 7Page - Future Technology Devices International Ltd. VNC1L-1A-REEL Datasheet HTML 8Page - Future Technology Devices International Ltd. VNC1L-1A-REEL Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Copyright © 2009 Future Technology Devices International Limited
1
Document Reference No.: FT_000030
Vinculum VNC1L Embedded USB Host Controller IC Datasheet Version 2.02
Clearance No.: FTDI# 50
Future Technology
Devices International Ltd.
Vinculum VNC1L
Embedded USB Host
Controller IC
Datasheet
The VNC1L is a single chip embedded
dual USB host controller with the
following advanced features:
Two independent USB 2.0 Low-speed/Full-
speed USB host ports.
Individual ports can be configured as host or
slave.
Configurable options to interface to external
Command Monitor via either UART, FIFO or
SPI slave interface.
Entire USB protocol handled on the chip.
Integrated pull-up and pull-down resistors.
Integrated FTDI proprietary, 8/32-bit
embedded MCU processor core -Vinculum
MCU (VMCU) - using “enhanced CISC”
technology.
Integrated, reconfigurable, 64k bytes of
embedded Flash (E-FLASH) memory to store
firmware. 4k bytes data RAM.
Field upgradeable firmware over UART or
USB.
Integrated
Numeric
Co-Processor
(NCP)
enhances 32 bit arithmetic speeds.
Twin DMA controllers (one per USB interface)
provide hardware acceleration of data transfer
from USB to external IO bus.
Operational configuration via a choice of free,
downloadable firmware – no external software
control required.
Four fully configurable data and control I/O
buses providing up to 28 pins of general
purpose I/O.
Integrated firmware allows read from and write
to FAT format USB Flash keys.
Supports bus powered, self powered and high-
power bus powered USB configurations.
Programmable via UART interface.
+3.3V single supply operation with 5V safe
inputs.
Low power operation (25mA operational, 2mA
in standby).
-40°C
to
+85°C
extended
operating
temperature range.
Available in compact Pb-free 48 Pin LQFP
package (RoHS compliant).
Vinculum is part of Future Technology Devices International Ltd. Neither the whole nor any part of the information contained in, or the
product described in this manual, may be adapted or reproduced in any material or electronic form without the prior written consent of
the copyright holder. This product and its documentation are supplied on an as-is basis and no warranty as to their suitability for any
particular purpose is either made or implied. Future Technology Devices International Ltd will not accept any claim for damages
howsoever arising as a result of use or failure of this product. Your statutory rights are not affected. This product or any variant of it is
not intended for use in any medical appliance, device or system in which the failure of the product might reasonably be expected to
result in personal injury. This document provides preliminary information that may be subject to change without notice. No freedom to
use patents or other intellectual property rights is implied by the publication of this document. Future Technology Devices International
Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow G41 1HH United Kingdom. Scotland Registered Number: SC136640


Similar Part No. - VNC1L-1A-REEL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A FTDI-VNC1L-1A Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
More results

Similar Description - VNC1L-1A-REEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
   Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com